Electronic Components Datasheet Search
  English  ▼

X  

FBSERIES Datasheet(PDF) 1 Page - DATEL, Inc.

Part # FBSERIES
Description  Up to 600 Watt DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATEL [DATEL, Inc.]
Direct Link  http://www.datel.com/
Logo DATEL - DATEL, Inc.

FBSERIES Datasheet(HTML) 1 Page - DATEL, Inc.

  FBSERIES Datasheet HTML 1Page - DATEL, Inc. FBSERIES Datasheet HTML 2Page - DATEL, Inc. FBSERIES Datasheet HTML 3Page - DATEL, Inc. FBSERIES Datasheet HTML 4Page - DATEL, Inc. FBSERIES Datasheet HTML 5Page - DATEL, Inc. FBSERIES Datasheet HTML 6Page - DATEL, Inc. FBSERIES Datasheet HTML 7Page - DATEL, Inc. FBSERIES Datasheet HTML 8Page - DATEL, Inc. FBSERIES Datasheet HTML 9Page - DATEL, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
September 16, 2017 B.03
FB SERIES Full-Brick
Up to 600 Watt DC-DC Converter
FEATURES
Industry standard Full-Brick Package
Up to 600 Watts of output power
Regulated Output, Fixed Switching Frequency
Up to 92 % Efficiency
Fully Isolated to 1500 Volts
Over Current Protection
Inverter Operation Monitor function (I.O.G)
Input Under/Over Voltage Lockout Protection
Extended temperature range of -40°C to
+100°C
Isolated On/Off logic control
Continuous Short Circuit Protection
Safety meets EN55022 Class A specifications
PRODUCT OVERVIEW
The FB series offers up to 600 watts of output power in standard Full-Brick
package. This series features high efficiency up to 92%, high power density and
1500 Volts of DC isolation. These converters are reliable, and compact with a
single output voltage. The FB series can deliver up to 50A of output current and
provide a precise regulated output voltage over a wide input range of 18-36 or 36-
75 volts. These modules operate over a wide case temperature range of –40°C to
+100°C. This series offers direct cooling of dissipative components for excellent
thermal performance. The main features of these converters include remote On/Off
(positive or negative), remote sense, output voltage adjustment, over voltage, over
current and over temperature protection.
APPLICATIONS:
Distributed Power Architectures
Telecommunication
Data and Wireless communications
Servers
Military and industrial applications
AVAILABLE OPTIONS
Customizable Input/ Output voltages
Heatsink, customizable packaging
Contact DATEL for other series of Full Brick footprint, Cost Saving, Lower Power,
different output voltage, etc.
MODEL NUMBER
INPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT CURRENT MAX
EFFICIENCY %
LOAD REGULATION
OPTIONS
FB24S12-50
18-36 VDC
12 VDC
50A
88
±0.5
P, H
FB24S24-25
18-36 VDC
24 VDC
25 A
90
±0.5
P, H
FB24S28-21.5
18-36 VDC
28 VDC
21.5 A
90
±0.5
P, H
FB24S32-19
18-36 VDC
32 VDC
19 A
91
±0.5
P, H
FB24S48-12.5
18-36 VDC
48 VDC
12.5 A
91
±0.5
P, H
FB48S12-50
36-75VDC
12 VDC
50 A
90
±0.5
P, H
FB48S24-25
36-75VDC
24 VDC
25 A
92
±0.5
P, H
FB48S28-21.5
36-75VDC
28 VDC
21.5 A
91
±0.5
P, H
FB48S32-19
36-75VDC
32 VDC
19 A
92
±0.5
P, H
FB48S48-12.5
36-75VDC
48 VDC
12.5 A
92
±0.5
P, H
Block Diagram
Page
1 of 17


Similar Part No. - FBSERIES

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FBS-11 SYNERGY-FBS-11 Datasheet
192Kb / 2P
BAND PASS FILTER MODEL FBS-11
FBS-140 SYNERGY-FBS-140 Datasheet
399Kb / 3P
band pass filter
FBS-30 SYNERGY-FBS-30 Datasheet
200Kb / 2P
BAND PASS FILTER
FBS-50 SYNERGY-FBS-50 Datasheet
330Kb / 2P
BAND PASS FILTER
logo
Festo Corporation.
FBS-M12-5GS-PG9 FESTO-FBS-M12-5GS-PG9 Datasheet
86Kb / 1P
Plug
More results

Similar Description - FBSERIES

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMPL-UZ10A AIMTEC-AMPL-UZ10A Datasheet
609Kb / 9P
Up to 50 Watt | DC-DC Converter
AMPL-UZ16A AIMTEC-AMPL-UZ16A Datasheet
595Kb / 9P
Up to 80 Watt | DC-DC Converter
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ Datasheet
235Kb / 3P
Up to 12 Watt | DC-DC Converter
AMSR1-78Z AIMTEC-AMSR1-78Z Datasheet
258Kb / 3P
Up to 5 Watt | DC-DC Converter
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ Datasheet
252Kb / 3P
Up to 7.5 Watt | DC-DC Converter
AMSRW-78Z AIMTEC-AMSRW-78Z Datasheet
294Kb / 3P
Up to 7.5 Watt | DC-DC Converter
AMSR2-78-NZ AIMTEC-AMSR2-78-NZ Datasheet
232Kb / 4P
Up to 13 Watt | DC-DC Converter
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_1 Datasheet
304Kb / 4P
Up to 7.5 Watt | DC-DC Converter
logo
DATEL, Inc.
AT45D15-0.5 DATEL-AT45D15-0.5 Datasheet
1Mb / 15P
Up to 15 Watt DC-DC Converter
AT45D15-1 DATEL-AT45D15-1 Datasheet
1Mb / 16P
Up to 30 Watt DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com