Electronic Components Datasheet Search
  English  ▼

X  

S4367 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # S4367
Description  18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; GX24d-2 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

S4367 Datasheet(HTML) 1 Page - Satco Products, Inc.

  S4367 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S4367
CF18DT/827
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI;
GX24d-2 base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S4367
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S4367
046135207563
120
18
T4
GX24d-2
GX24d-2
CF18DT/827
MOL In
Inches
Initial Lumens
Average Rated
Hours
Kelvin
Temp
Package Type
CRI
CEC Status
RoHS Compliant
4.8''
1200
12000
2700
Box
82
Lawful for sale in
California
Yes
UL or ETL Listed
Yes


Similar Part No. - S4367

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S4360 MICROSEMI-S4360 Datasheet
116Kb / 3P
Silicon Power Rectifier
logo
New Jersey Semi-Conduct...
S4360 NJSEMI-S4360 Datasheet
89Kb / 1P
Silicon Power Rectifier
logo
Satco Products, Inc.
S4368 SATCO-S4368 Datasheet
124Kb / 1P
26 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; GX24d-3 base
More results

Similar Description - S4367

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S4368 SATCO-S4368 Datasheet
124Kb / 1P
26 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; GX24d-3 base
S4440 SATCO-S4440 Datasheet
125Kb / 1P
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; GX24q-2 (4-Pin) base
S6415 SATCO-S6415 Datasheet
123Kb / 1P
9 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; 2G7 base
S6714 SATCO-S6714 Datasheet
123Kb / 1P
9 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G23-2 base
S6721 SATCO-S6721 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24d-2 base
S6733 SATCO-S6733 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24Q-2 (4-Pin) base
S6741 SATCO-S6741 Datasheet
124Kb / 1P
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; GX24q-2 (4-Pin) base
S8321 SATCO-S8321 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24d-2 base
S8333 SATCO-S8333 Datasheet
123Kb / 1P
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; G24Q-2 (4-Pin) base
S8341 SATCO-S8341 Datasheet
124Kb / 1P
18 watt; pin-based Compact Fluorescent; 2700K; 82 CRI; GX24q-2 (4-Pin) base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com