Electronic Components Datasheet Search
  English  ▼

X  

S6021 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # S6021
Description  22 watt; pin-based Compact Fluorescent; 5000K; 84 CRI; GX32d-2 base
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

S6021 Datasheet(HTML) 1 Page - Satco Products, Inc.

  S6021 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6021
FDL22EX/D /PLC 15mm
22 watt; pin-based Compact Fluorescent; 5000K; 84 CRI;
GX32d-2 base
Features
Non-integrated Pin Based CFL
Uses 75% less energy than equivalent incandescent lamps
TCLP compliant for low mercury
Meets RoHS standards
S6021
Item Number
UPC
Voltage
Watts
Lamp Shape
Base
ANSI Base
Lamp Code
S6021
045923060212
120
22
T5
GX32d-2
GX32d-2
FDL22EX/D /PLC 15mm
MOL In Inches
Initial Lumens
Average Rated Hours
Kelvin Temp
Color
Pack
Package Type
CRI
6''
1200
10000
5000
Natural Light
40
Box
84
CEC Status
RoHS Compliant
UL or ETL Listed
Warranty
Lawful for sale in California
Yes
Yes
2 Year Limited


Similar Part No. - S6021

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
S6021L BOTHHAND-S6021L Datasheet
272Kb / 1P
PULSE TRANSFORMER
More results

Similar Description - S6021

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S6020 SATCO-S6020 Datasheet
123Kb / 1P
22 watt; pin-based Compact Fluorescent; 2700K; 84 CRI; GX32d-2 base
S6022 SATCO-S6022 Datasheet
123Kb / 1P
28 watt; pin-based Compact Fluorescent; 2800K; 84 CRI; GX32d-3 base
S6023 SATCO-S6023 Datasheet
123Kb / 1P
28 watt; pin-based Compact Fluorescent; 5000K; 84 CRI; GX32d-3 base
S6705 SATCO-S6705 Datasheet
123Kb / 1P
7 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
S6709 SATCO-S6709 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
S6713 SATCO-S6713 Datasheet
123Kb / 1P
13 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; GX23 base
S6718 SATCO-S6718 Datasheet
124Kb / 1P
13 watt; pin-based Compact Fluorescent; 3000K; 82 CRI; GX23-2 base
S8305 SATCO-S8305 Datasheet
124Kb / 1P
7 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
S8309 SATCO-S8309 Datasheet
124Kb / 1P
9 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; G23 base
S8313 SATCO-S8313 Datasheet
122Kb / 1P
13 watt; pin-based Compact Fluorescent; 5000K; 82 CRI; GX23 base
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com