Electronic Components Datasheet Search
  English  ▼

X  

SC2256BS Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC2256BS
Description  Electronic volume control circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC2256BS Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC2256BS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2256BS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2256BS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2256BS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2256BS Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2256BS Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2256BS Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2256BS Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC2256B(文件编号:S&CIC0582)
电子音量控制电路
第 1 页 共 8 页
一、
描述
SC2256B 和 SC2256BS 是为音频设备的音量控制电子化而设计的一块专用集成电路。该电路采用
CMOS 工艺制作。
二、
主要特点
 通过提升、衰降输入端,可在 0dB 到-78dB 范围进行衰减控制。
 该电路有 20dB 的抽头端子以构成等响度电路。
 采用多晶电阻,以实现低失真、高性能的音频系统。
 有一内置的直流输出(7 级)可构成音量电平表。
 在待机状态时的电流消耗很小,此时仍可保持音量电平数据。
 封装型式为 DIP16 或 SOP16。
三、
产品规格分类
SC2256B
DIP-16 封装
SC2256BS
SOP-16 封装
四、
管脚排列
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Num ber
Revision
Size
B
Date:
4-Nov-2004
Sheet
of
File:
E:\规格图\xie\SC9235.Ddb
Drawn By :
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VSS
OUT-1
IN-1
TP-1
GND-1
UP
DN
OSC
VDD
OUT-2
IN-2
TP-2
GND-2
DC-OUT
INH
INT
五、
内部框图


Similar Part No. - SC2256BS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC225 ETC2-SC225 Datasheet
257Kb / 3P
DC/DC Converter
logo
SEC Electronics Inc.
SC225KSIT SECELECTRONICS-SC225KSIT Datasheet
1Mb / 13P
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
More results

Similar Description - SC2256BS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9210P TOSHIBA-TC9210P Datasheet
325Kb / 9P
ELECTRONIC VOLUME CONTROL IC
TC9299P TOSHIBA-TC9299P Datasheet
251Kb / 7P
ELECTRONIC VOLUME CONTROL IC
logo
Samsung semiconductor
KA2250 SAMSUNG-KA2250 Datasheet
196Kb / 8P
DUAL ELECTRONIC VOLUME CONTROL
logo
Sanyo Semicon Device
LC7533 SANYO-LC7533 Datasheet
87Kb / 3P
3V Electronic Volume Control
LC75366 SANYO-LC75366 Datasheet
244Kb / 11P
Two-Channel Electronic Volume Control
logo
Sony Corporation
CXA1846AM SONY-CXA1846AM Datasheet
161Kb / 10P
Electronic volume control
CXA1846M SONY-CXA1846M Datasheet
133Kb / 10P
Electronic volume control
logo
Toshiba Semiconductor
TC9459N TOSHIBA-TC9459N Datasheet
417Kb / 12P
ELECTRONIC VOLUME CONTROL
19-Jun-2001
logo
Sanyo Semicon Device
LC7534M SANYO-LC7534M Datasheet
438Kb / 5P
3V-Operated Electronic Volume Control
logo
Samsung semiconductor
S5A2250A01 SAMSUNG-S5A2250A01 Datasheet
132Kb / 12P
DUAL ELECTRONIC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com