Electronic Components Datasheet Search
  English  ▼

X  

SC2313LD Datasheet(PDF) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC2313LD
Description  Four-channel sound quality processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC2313LD Datasheet(HTML) 1 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  SC2313LD Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2313LD Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2313LD Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2313LD Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2313LD Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2313LD Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2313LD Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2313LD Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC2313LD Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
SC2313L(文件编号:S&CIC00363)
四声道音质处理器
www.superchip.cn
第
1 页共 14 页
Version 1.1
一、 简介
SC2313L是一个使用CMOS制程技术的四声道数字音质处理IC。SC2313L将音量(Volume)、左
右声道平衡
(balance)高低音质(Treble & Bass)、响度(Loudness)等控制及可选择增益输入(selectable
inputgain)内建于单一晶片中,使得SC2313L具有高效能及高可靠度,且只需运用少许的周边元件,
便可达高效率的音质处理功能。
SC2313L的所有功能均可藉由序列总流排(I2C bus)的驱动来达成,
并可将其程式化而达多变的功能。
SC2313L的脚位功能和应用电路是利于作PCB 布局的简易化,并
能为相关音响应用节省成本。另外,
SC2313L提供28-pin SO包装,在特性上与TDA7313近似,在脚
位上则完全相容。
二、 特色
 简化外部组件
 高低音控制
 响度控制
 可选择
3个立体声的增益输入
 可降低外部噪声的输入
/输出系统
 可前后左右平衡的
4个独立扬声器控制
 独立静音功能
 音量控制每阶为
1.25dB
 低失真
 低直流准位漂移
 可由微处理机序列总线
I2C 接口控制
三、 应用范围
 汽车音响
 立体声音效系统
(Hi-Fi Audio System)


Similar Part No. - SC2313LD

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
SC2313LD FUMAN-SC2313LD Datasheet
574Kb / 19P
Four-channel audio processor
More results

Similar Description - SC2313LD

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1892 NEC-UPC1892 Datasheet
299Kb / 42P
MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
logo
New Japan Radio
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
SOUND PROCESSOR with SOUND ENHANCEMENT
logo
Rohm
BH3874AKS2 ROHM-BH3874AKS2 Datasheet
261Kb / 25P
Sound processor IC
logo
ELAN Microelectronics C...
EM60000 EMC-EM60000 Datasheet
209Kb / 13P
STEREO FOUR CHANNEL 8 BIT BASED SOUND PROCESSOR
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
SOUND PROCESSOR with SOUND ENHANCEMENT
logo
List of Unclassifed Man...
G21A21 ETC2-G21A21 Datasheet
6Mb / 11P
2-Channel Digital Sound Effect Processor
logo
Rohm
BD34602FS-M ROHM-BD34602FS-M Datasheet
1Mb / 33P
6ch Sound Processor for High-Quality Audio with Built-in Advanced Switch
logo
SHENZHEN FUMAN ELECTRON...
SC2314 FUMAN-SC2314 Datasheet
216Kb / 11P
Four input sound quality processor IC
logo
WISDOM INTERNATIONAL TE...
CSC2314F WISWOOD-CSC2314F Datasheet
492Kb / 13P
4-channel input sound processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com