Electronic Components Datasheet Search
  English  ▼

X  

SC3610 Datasheet(PDF) 9 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # SC3610
Description  AM/FM frequency and clock display drive circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

SC3610 Datasheet(HTML) 9 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Back Button SC3610 Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3610 Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3610 Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3610 Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3610 Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3610 Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3610 Datasheet HTML 10Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3610 Datasheet HTML 11Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. SC3610 Datasheet HTML 12Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
SC3610(文件编号:S&CIC0219 )
AM/FM 频率及时钟显示驱动电路
第 9 页 共 12 页
十二、典型 LCD 布线图
计数模式
PIN
COM1
COM2
COM3
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
6-May -2003
Sheet
of
File:
E:\超晶规格图\1\SC3610
Drawn By :
COL
DP 2
DP 1
AM
FM
PM
MHz
KHz
AL
S1
PIN16
PIN1
1
COM1
-
-
2
-
COM2
-
3
-
-
COM3
4
KHz
MHz
S1
5
AL
1C
1B
6
1D
1G
1A
7
DP1
1E
1F
8
DP2
2C
2B
9
2D
2G
2A
10
COL
2E
2F
11
AM
3C
3B
12
3D
3G
3A
13
-
3E
3F
14
FM
4C
4B
15
4D
4G
4A
16
PM
4E
4F
时钟及计数模式
PIN
COM1
COM2
COM3
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Number
Revision
Size
B
Date:
6-May -2003
Sheet
of
File:
E:\超晶规格图\1\SC3610
Drawn By :
COL
2P
1P
1
2
3
4
MHz
KHz
d
e
c
g
b
f
a
AM
FW
PW
MW
LW
SW
D S
S1
AL
TK
TS
2
2
2
stereo
SW
MW
LW
AM
1
COM1
-
-
2
-
COM2
-
3
-
-
COM3
4
KHz
MHz
TK
5
TS
1C
1B
6
1D
1G
1A
7
1P
1E
1F
8
2P
2C
2B
9
2D
2G
2A
10
COL
2E
2F
11
-
3C
3B
12
3D
3G
3A
13
S1
3E
3F
14
FM
4C
4B
15
4D
4G
4A
16
PM
4E
4F
17
AM
-
-
18
-
AL
-
19
MW
-
-
20
LW
-
-
21
SW
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com