Electronic Components Datasheet Search
  English  ▼

X  

74LVC1G74 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74LVC1G74
Description  Single D-type flip-flop with set and reset; positive edge trigger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G74 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74LVC1G74 Datasheet HTML 9Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 10Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 11Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 12Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 13Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 14Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 15Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 16Page - NXP Semiconductors 74LVC1G74 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
2005 Feb 01
13
Philips Semiconductors
Product specification
Single D-type flip-flop with set and
reset; positive edge trigger
74LVC1G74
handbook, full pagewidth
MNB142
trem
tPHL
tPHL
tW
tPLH
tPLH
VM
VM
VM
tW
VM
VM
VI
GND
VI
GND
SD input
VI
GND
RD input
CP input
VOH
VOL
Q output
VOH
VOL
Q output
Fig.7
The set (SD) and reset (RD) input to output (Q, Q) propagation delays, the set and reset pulse widths and
the RD to CP removal time.
VOL and VOH are typical output voltage drop that occur with the output load.
VCC
VM
INPUT
VI
tr =tf
1.65 V to 1.95 V
0.5
× VCC
VCC
≤ 2.0 ns
2.3 V to 2.7 V
0.5
× VCC
VCC
≤ 2.0 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 V to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns
4.5 V to 5.5 V
0.5
× VCC
VCC
≤ 2.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com