Electronic Components Datasheet Search
  English  ▼

X  

GTRA262802FC-V2-R2 Datasheet(PDF) 5 Page - Cree, Inc

Part # GTRA262802FC-V2-R2
Description  Thermally-Enhanced High Power RF GaN on SiC HEMT 250 W, 48 V, 2490 ??2690 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

GTRA262802FC-V2-R2 Datasheet(HTML) 5 Page - Cree, Inc

  GTRA262802FC-V2-R2 Datasheet HTML 1Page - Cree, Inc GTRA262802FC-V2-R2 Datasheet HTML 2Page - Cree, Inc GTRA262802FC-V2-R2 Datasheet HTML 3Page - Cree, Inc GTRA262802FC-V2-R2 Datasheet HTML 4Page - Cree, Inc GTRA262802FC-V2-R2 Datasheet HTML 5Page - Cree, Inc GTRA262802FC-V2-R2 Datasheet HTML 6Page - Cree, Inc GTRA262802FC-V2-R2 Datasheet HTML 7Page - Cree, Inc GTRA262802FC-V2-R2 Datasheet HTML 8Page - Cree, Inc GTRA262802FC-V2-R2 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 03, 2018-07-24
5
GTRA262802FC
Load Pull Performance
Main Side Load Pull Performance – Pulsed CW signal: 10 µs, 10% duty cycle, 48 V, IDQ = 100 mA, Class AB
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[
W]
Zl
[
W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
Zl
[
W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
2550
24.62-j26.07
6.32-j4.58
16.28
51.00
125.89
64.9
4.21-j0.93
18.05
49.13
81.75
77.8
2620
27.89-j15.25
7.12-j4.87
16.15
50.91
123.31
66.4
4.75-j1.63
17.64
49.67
92.60
77.2
2690
37.33-j8.37
7.07-j5.42
15.71
50.81
120.50
64.8
4.46-j1.56
17.52
49.04
80.09
76.5
Peak Side Load Pull Performance – Pulsed CW signal: 160 µs, 10% duty cycle, 48 V, IDQ = 200 mA, Class AB
P3dB
Max Output Power
Max Drain Efficiency
Freq
[MHz]
Zs
[
W]
Zl
[
W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
Zl
[
W]
Gain
[dB]
P3dB
[dBm]
P3dB
[W]
hD
[%]
2550
7.71-j18.49
4.94-j4.23
15.03
53.81
240.38
64.0
2.92-j1.60
16.74
52.20
165.84
73.7
2620
11.70-j15.12
4.83-j4.21
15.31
53.31
214.29
61.0
2.98-j1.60
16.84
51.97
157.29
71.7
2690
14.78-j11.61
4.83-j4.33
15.18
53.45
221.31
60.8
3.13-j1.73
16.72
52.14
163.64
71.6
See next page for Reference Circuit



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com