Electronic Components Datasheet Search
  English  ▼

X  

PXFE211507FC Datasheet(PDF) 2 Page - Cree, Inc

Part # PXFE211507FC
Description  Thermally-Enhanced High Power RF LDMOS FET 170 W, 28 V, 2110 ??2170 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXFE211507FC Datasheet(HTML) 2 Page - Cree, Inc

  PXFE211507FC Datasheet HTML 1Page - Cree, Inc PXFE211507FC Datasheet HTML 2Page - Cree, Inc PXFE211507FC Datasheet HTML 3Page - Cree, Inc PXFE211507FC Datasheet HTML 4Page - Cree, Inc PXFE211507FC Datasheet HTML 5Page - Cree, Inc PXFE211507FC Datasheet HTML 6Page - Cree, Inc PXFE211507FC Datasheet HTML 7Page - Cree, Inc PXFE211507FC Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 02, 2019-01-15
2
PXFE211507FC
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
—
—
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
—
—
1
µA
VDS = 60 V, VGS = 0 V
IDSS
—
—
10
µA
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
—
—
1
µA
On-State Resistance
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
0.03
—
W
Operating Gate Voltage
VDS = 28 V, IDQ = 900 mA
VGS
2.7
3.0
3.3
V
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–6 to +10
V
Operating Voltage
VDD
0 to +32
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance (TCASE = 70°C, 50 W CW)
RqJC
0.58
°C/W
Ordering Information
Type and Version
Order Code
Package
Shipping
PXFE211507FC V1 R0
PXFE211507FC-V1-R0
H-37248G-4/2
Tape & Reel, 50 pcs
PXFE211507FC V1 R2
PXFE211507FC-V1-R2
H-37248G-4/2
Tape & Reel, 250 pcs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com