Electronic Components Datasheet Search
  English  ▼

X  

XD16 Datasheet(PDF) 28 Page - Cree, Inc

Part # XD16
Description  Cree짰 XLamp짰 XD16 LEDs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XD16 Datasheet(HTML) 28 Page - Cree, Inc

Back Button XD16 Datasheet HTML 21Page - Cree, Inc XD16 Datasheet HTML 22Page - Cree, Inc XD16 Datasheet HTML 23Page - Cree, Inc XD16 Datasheet HTML 24Page - Cree, Inc XD16 Datasheet HTML 25Page - Cree, Inc XD16 Datasheet HTML 26Page - Cree, Inc XD16 Datasheet HTML 27Page - Cree, Inc XD16 Datasheet HTML 28Page - Cree, Inc XD16 Datasheet HTML 29Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Copyright © 2017-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered trademarks of Cree,
Inc. UL® and the UR logo are registered trademarks of UL LLC.
28
XLamp® XD16 LED
tAPE AnD rEEL
All Cree carrier tapes conform to EIA‑481D, Automated Component Handling Systems Standard.
Except as noted, all dimensions in mm [in].
Measurement tolerances unless indicated otherwise: .xx = ±.10 mm
1.85 [.073]
Bo
.30 [.012]
T
3.0°
8.00 [.315]
NOMINAL
8.30 [.327]
MAX
W
6.25
[.246]
E2
Ø1.00
[.039]
D1
3.50 [.138] F
1.75 [.069]
E2
Ø1.50
+.10/-.00
[+.0039/-.0000]
4.00 [.157]
Po
2.00 [.079]
P2
4.00 [.157]
P
1.98 [.078]
1.85 [.073]
Ao
3.0°
1.20 [.047]
Ko
POCKET SIZE
1.85 mm [.073”]
1.85 mm [.073”]
1.20 mm [.047”]
Ao
Bo
Ko
CATHODE SIDE
ANODE SIDE
1.85 [.073]
Bo
.30 [.012]
T
3.0°
8.00 [.315]
NOMINAL
8.30 [.327]
MAX
W
6.25
[.246]
E2
Ø1.00
[.039]
D1
3.50 [.138] F
1.75 [.069]
E2
Ø1.50
+.10/-.00
[+.0039/-.0000]
4.00 [.157]
Po
2.00 [.079]
P2
4.00 [.157]
P
1.98 [.078]
1.85 [.073]
Ao
3.0°
1.20 [.047]
Ko
POCKET SIZE
1.85 mm [.073”]
1.85 mm [.073”]
1.20 mm [.047”]
Ao
Bo
Ko
CATHODE SIDE
ANODE SIDE
1.85 [.073]
Bo
.30 [.012]
T
3.0°
8.00 [.315]
NOMINAL
8.30 [.327]
MAX
W
6.25
[.246]
E2
Ø1.00
[.039]
D1
3.50 [.138] F
1.75 [.069]
E2
Ø1.50
+.10/-.00
[+.0039/-.0000]
4.00 [.157]
Po
2.00 [.079]
P2
4.00 [.157]
P
1.98 [.078]
1.85 [.073]
Ao
3.0°
1.20 [.047]
Ko
POCKET SIZE
1.85 mm [.073”]
1.85 mm [.073”]
1.20 mm [.047”]
Ao
Bo
Ko
CATHODE SIDE
ANODE SIDE
Loaded Pockets
3,000 Lamps
Leader
400 mm (min) of
empty pockets with
at least 100 mm
sealed by tape
(50 empty pockets min.)
Trailer
160 mm (min) of
empty pockets
sealed with tape
(20 pockets min.)
START
END
User Feed Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com