Electronic Components Datasheet Search
  English  ▼

X  

DS75208 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75208
Description  Dual Line Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75208 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS75208 Datasheet HTML 1Page - National Semiconductor (TI) DS75208 Datasheet HTML 2Page - National Semiconductor (TI) DS75208 Datasheet HTML 3Page - National Semiconductor (TI) DS75208 Datasheet HTML 4Page - National Semiconductor (TI) DS75208 Datasheet HTML 5Page - National Semiconductor (TI) DS75208 Datasheet HTML 6Page - National Semiconductor (TI) DS75208 Datasheet HTML 7Page - National Semiconductor (TI) DS75208 Datasheet HTML 8Page - National Semiconductor (TI) DS75208 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Typical Applications (Continued)
Data-Bus or Party-Line System
TLF9446 – 3
APPLICATION
The DS55107 DS75107 dual line circuits are designed spe-
cifically for use in high speed data transmission systems
that utilize balanced terminated transmission lines such as
twisted-pair lines The system operates in the balanced
mode so that noise induced on one line is also induced on
the other The noise appears common mode at the receiver
input terminals where it is rejected The ground connection
between the line driver and receiver is not part of the signal
circuit so that system performance is not affected by circu-
lating ground currents
The unique driver output circuit allows terminated transmis-
sion lines to be driven at normal line impedances High
speed system operation is ensured since line reflections are
virtually eliminated when terminated lines are used Cross-
talk is minimized by low signal amplitudes and low line im-
pedances
The typical data delay in a system is approximately (30 a
13L) ns where L is the distance in feet separating the driv-
er and receiver This delay includes one gate delay in both
the driver and receiver
Data is impressed on the balanced-line system by unbalanc-
ing the line voltages with the driver output current The driv-
en line is selected by appropriate driver input logic levels
The voltage difference is approximately
VDIFF j
IO(on) c RT
(1)
High series line resistance will cause degradation of the sig-
nal The receivers however will detect signals as low as
25 mV (or less) For normal line resistances data may be
recovered from lines of several thousand feet in length
Line termination resistors (RT) are required only at the ex-
treme ends of the line For short lines termination resistors
at the receiver only may prove adequate The signal ampli-
tude will then be approximately
VDIFF j IO(on) c RT
(2)
The strobe feature of the receivers and the inhibit feature of
the drivers allow the DS55107 DS75107 dual line circuits to
be used in data-bus or party-line systems In these applica-
tions several drivers and receivers may share a common
transmission line An enabled driver transmits data to all
enabled receivers on the line while other drivers and receiv-
ers are disabled Data is thus time multiplexed on the trans-
mission line The DS55107 DS75107 device specifications
allow widely varying thermal and electrical environments at
the various driver and receiver locations The data-bus sys-
tem offers maximum performance at minimum cost
The DS55107 DS75107 dual line circuits may also be used
in unbalanced or single line systems Although these sys-
tems do not offer the same performance as balanced sys-
tems for long lines they are adequate for very short lines
where environment noise is not severe
The receiver threshold level is established by applying a DC
reference voltage to one receiver input terminal The signal
from the transmission line is applied to the remaining input
The reference voltage should be optimized so that signal
http
www nationalcom
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com