Electronic Components Datasheet Search
  English  ▼

X  

IC80C52 Datasheet(PDF) 21 Page - Integrated Circuit Solution Inc

Part # IC80C52
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC80C52 Datasheet(HTML) 21 Page - Integrated Circuit Solution Inc

Back Button IC80C52 Datasheet HTML 17Page - Integrated Circuit Solution Inc IC80C52 Datasheet HTML 18Page - Integrated Circuit Solution Inc IC80C52 Datasheet HTML 19Page - Integrated Circuit Solution Inc IC80C52 Datasheet HTML 20Page - Integrated Circuit Solution Inc IC80C52 Datasheet HTML 21Page - Integrated Circuit Solution Inc IC80C52 Datasheet HTML 22Page - Integrated Circuit Solution Inc IC80C52 Datasheet HTML 23Page - Integrated Circuit Solution Inc IC80C52 Datasheet HTML 24Page - Integrated Circuit Solution Inc IC80C52 Datasheet HTML 25Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Integrated Circuit Solution Inc.
21
MC002-0B
IC80C52
IC80C32
Using the Timer 1 to Generate Baud Rates
When Timer 1 is the baud rate generator, the baud rates in
Modes 1 and 3 are determined by the Timer 1 overflow rate
and the value of SMOD according to the following equation.
Mode 1, 3
2SMOD
X
(Timer 1 Overflow Rate)
Baud Rate
=
32
The Timer 1 interrupt should be disabled in this application.
The Timer itself can be configured for either timer or
counter operation in any of its three running modes. In the
most typical applications, it is configured for timer operation
in auto-reload mode (high nibble of TMOD = 0010B). In this
case, the baud rate is given by the following formula.
Mode 1,3
2SMOD
X
Oscillator Frequency
Baud Rate
=
32
12x [256 – (TH1)]
Programmers can achieve very low baud rates with Timer
1 by leaving the Timer 1 interrupt enabled, configuring the
Timer to run as a 16-bit timer (high nibble of TMOD =
0001B), and using the Timer 1 interrupt to do a 16-bit
software reload.
Table 9 lists commonly used baud rates and how they can
be obtained from Timer 1.
Multiprocessor Communications
Modes 2 and 3 have a special provision for multiprocessor
communications. In these modes, nine data bits are
received, followed by a stop bit. The ninth bit goes into RB8;
then comes a stop bit. The port can be programmed such
that when the stop bit is received, the serial port interrupt
is activated only if RB8 = 1. This feature is enabled by
setting bit SM2 in SCON.
The following example shows how to use the serial interrupt
for multiprocessor communications. When the master
processor must transmit a block of data to one of several
slaves, it first sends out an address byte that identifies the
target slave. An address byte differs from a data byte in that
the ninth bit is 1 in an address byte and 0 in a data byte. With
SM2 = 1, no slave is interrupted by a data byte. An address
byte, however, interrupts all slaves, so that each slave can
examine the received byte and see if it is being addressed.
The addressed slave clears its SM2 bit and prepares to
receive the data bytes that follows. The slaves that are not
addressed set their SM2 bits and ignore the data bytes.
SM2 has no effect in Mode 0 but can be used to check the
validity of the stop bit in Mode 1. In a Mode 1 reception, if
SM2 = 1, the receive interrupt is not activated unless a valid
stop bit is received.
Baud Rates
The baud rate in Mode 0 is fixed as shown in the following
equation.
Mode 0 Baud Rate =
Oscillator Frequency
12
The baud rate in Mode 2 depends on the value of the SMOD
bit in Special Function Register PCON. If SMOD = 0 (the
value on reset), the baud rate is 1/64 of the oscillator
frequency. If SMOD = 1, the baud rate is 1/32 of the
oscillator frequency, as shown in the following equation.
Mode 2 Baud Rate =
2SMOD
x (Oscillator Frequency)
64
In the IC80C51/31, the Timer 1 overflow rate da termines
th e baud rates in Modes 1 and 3. In the IC80C52/32, these
baud rates can be determined by Timer 1, Timer 2, or both
(one for transmit and the other for receive).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com