Electronic Components Datasheet Search
  English  ▼

X  

2004 Datasheet(PDF) 1 Page - Witten Company, Inc.

Part # 2004
Description  MOLDED-IN OR POTTED-IN INSERT, FLUSH MOUNTED BOTH SIDES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WITTEN [Witten Company, Inc.]
Direct Link  https://www.wittenco.com/
Logo WITTEN - Witten Company, Inc.

2004 Datasheet(HTML) 1 Page - Witten Company, Inc.

  2004 Datasheet HTML 1Page - Witten Company, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.093 REF
A
T (THREAD)
POTTING &
VENT SLOTS
L
CL "B"
SPIRAL RIB
OPTIONAL
LOCK
INSTALLATION HOLE
PANEL
POTTING
COMPOUND
EXAMPLE PART NUMBERING SYSTEM:
2004 - 420 - L - 12 - SS
SERIES PREFIX
THREAD CODE (TABLE 1)
ADD LK FOR SELF-LOCK (NYLON)
ADD L FOR SELF-LOCK (METALLIC CRIMP)
LENGTH DASH NUMBER(TABLE II)
MATERIAL:
A = ALUMINUM ALLOY(CHEM FILM FINISH)
C = CARBON STEEL (CAD PLATE FINISH)
Z = CARBON STEEL (ZINC PLATE)
SS = STAINLESS STEEL (PLAIN FINISH)
SP = STAINLESS STEEL (PASSIVATED)
NOTE:
1. ALL DIMENSIONS ARE IN INCHES EXCEPT THREAD SIZE.
2. FOR PARTS .625 & SHORTER THE OD HAS CIRCULAR RIBS
IN LIEU OF SPIRAL RIBS.
2004
SHEET 1 OF 1
TABLE II
DASH NO.
L±.03
LENGTH
-5
.312
-6
.375
-7
.437
-8
.500
-10
.625
-12
.750
-14
.875
-16
1.000
-18
1.125
-20
1.250
-22
1.375
-24
1.500
TABLE I
CODE
NO.
T
THREAD
A
DIA
±.010
B
SELF-LK
±.06
INSTL
HOLE
SIZE
+.010/-.000
632
6-32 UNJC
.490
.12
.500
832
8-32 UNJC
.490
.12
.500
1032
10-32 UNJF
.520
.12
.530
420
1/4-20 UNJC
.583
.16
.593
428
1/4-28 UNJF
.583
.16
.593
518
5/16-18 UNJC
.646
.20
.656
524
5/16-24 UNJF
.646
.20
.656
616
3/8-16 UNJC
.708
.20
.718
624
3/8-24 UNJF
.708
.20
.718
714
7/16-14 UNJC
.771
.20
.781
720
7/16-20 UNJF
.771
.20
.781
813
1/2-13 UNJC
.833
.20
.843
820
1/2-20 UNJF
.833
.20
.843
2004 SERIES - "SPIRAL RIB"
THRU - HOLE
MOLDED-IN OR POTTED-IN INSERT, FLUSH MOUNTED BOTH SIDES
WITTEN COMPANY
918-272-9567
REVISED 8/20/09


Similar Part No. - 2004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2004 ETC2-2004 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
Heyco.
2004 HEYCO-2004 Datasheet
133Kb / 1P
Snap Bushings
logo
Adafruit Industries
2004 ADAFRUIT-2004 Datasheet
237Kb / 2P
Silicone Cover Stranded-Core Wire - 2m 30AWG Yellow
logo
Dwyer Instruments,
2004 DWYER-2004 Datasheet
1Mb / 4P
MAGNEHELIC® DIFFERENTIAL PRESSURE GAGES Indicate Positive, Negative or Differential, Accurate within 1%
logo
Toshiba Semiconductor
2004-000218 TOSHIBA-2004-000218 Datasheet
5Mb / 70P
COLOUR TELEVISION
More results

Similar Description - 2004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP-1500ST ETC2-SP-1500ST Datasheet
353Kb / 2P
Naturally tacky on both sides
logo
PHOENIX CONTACT
1622244 PHOENIX-1622244 Datasheet
165Kb / 6P
Connector in molded plastic on both sides
1622245 PHOENIX-1622245 Datasheet
162Kb / 6P
Connector in molded plastic on both sides
1622246 PHOENIX-1622246 Datasheet
162Kb / 6P
Connector in molded plastic on both sides
1622247 PHOENIX-1622247 Datasheet
156Kb / 6P
Connector in molded plastic on both sides
1622248 PHOENIX-1622248 Datasheet
156Kb / 6P
Connector in molded plastic on both sides
1622249 PHOENIX-1622249 Datasheet
156Kb / 6P
Connector in molded plastic on both sides
2764072 PHOENIX-2764072 Datasheet
164Kb / 5P
Housing cover,for connection on both sides
logo
Witten Company, Inc.
141 WITTEN-141 Datasheet
130Kb / 1P
MOLDED/POTTED INSERTS, SNAP-IN TYPE MEDIUM DUTY
NAS1832 WITTEN-NAS1832 Datasheet
330Kb / 3P
INSERT, MOLDED IN, THREADED, SANDWICH PANEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com