Electronic Components Datasheet Search
  English  ▼

X  

MBR1060 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # MBR1060
Description  10.0 AMPS. Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBR1060 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  MBR1060 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBR1060 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-89-
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
0.1
10
100
25
50
75
125
100
150
175
NUMBER OF CYCLES AT 60Hz
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
0.6
0.8
1.0 1.1
0.9
0.7
0.5
0.4
0.3
0.2
0.1
0
1.2
0.1
0.01
1
10
40
FORWARD VOLTAGE. (V)
Pulse Width=300 s
1% Duty Cycle
Tj=25 C
0
Tj=125 C
0
MBR1035-MBR1045
MBR1050-MBR1060
MBR1090-MBR10100
MBR10200
FIG.4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.001
0.1
0.01
1
10
50
MBR1035-MBR1060
MBR1090-MBR1020
Tj=125 C
0
Tj=25 C
0
Tj=75 C
0
T, PULSE DURATION.( sec.)
FIG.5- TYPICAL JUNCTION CAPACITANCE
0.1
1.0
10
100
100
1,000
4,000
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
MBR1035-MBR1045
MBR1050 & MBR1060
MBR1090-MBR10200
0
50
0
2
4
6
8
CASE TEMPERATURE. ( C)
o
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTIC
1
0.01
0.1
10
100
0.1
10.0
1
100
RATINGS AND CHARACTERISTIC CURVES (MBR1035 THRU MBR10200)
100
150
10
12
FIG.1- FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
MBR1035-MBR1045
MBR1050-MBR10200



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com