Electronic Components Datasheet Search
  English  ▼

X  

C4SMG-GJS Datasheet(PDF) 5 Page - Cree, Inc

Part # C4SMG-GJS
Description  Cree짰 Screen Master짰 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMG-GJS Datasheet(HTML) 5 Page - Cree, Inc

  C4SMG-GJS Datasheet HTML 1Page - Cree, Inc C4SMG-GJS Datasheet HTML 2Page - Cree, Inc C4SMG-GJS Datasheet HTML 3Page - Cree, Inc C4SMG-GJS Datasheet HTML 4Page - Cree, Inc C4SMG-GJS Datasheet HTML 5Page - Cree, Inc C4SMG-GJS Datasheet HTML 6Page - Cree, Inc C4SMG-GJS Datasheet HTML 7Page - Cree, Inc C4SMG-GJS Datasheet HTML 8Page - Cree, Inc C4SMG-GJS Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
CLD-CT934.003
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright©2009Cree,Inc.Allrightsreserved.Theinformationinthisdocumentissubjecttochangewithoutnotice.Cree,the
CreelogoandScreenMasterareregisteredtrademarksofCree,Inc.
Order Code Table*
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max. (nm)
Blue
C4SMG-BJS-CQ0T0351
390
1520
B3
460
B5
475
Bulk
Blue
C4SMG-BJS-CQ0T0451
390
1520
B4
465
B5
475
Bulk
Blue
C4SMG-BJS-CQ14Q3T1
Any 4 consecutive sub-bins: Q1 (390) - R2 (660)
Any1colorbinfromB3(460nm)toB4(470nm)
Bulk
Blue
C4SMG-BJS-CQ14Q4T1
Any 4 consecutive sub-bins: Q1 (390) - R2 (660)
Any1colorbinfromB4(465nm)toB5(475nm)
Bulk
Blue
C4SMG-BJS-CR14Q3T1
Any 4 consecutive sub-bins: R1 (550) - S2 (934)
Any1colorbinfromB3(460nm)toB4(470nm)
Bulk
Blue
C4SMG-BJS-CR14Q4T1
Any 4 consecutive sub-bins: R1 (550) - S2 (934)
Any1colorbinfromB4(465nm)toB5(475nm)
Bulk
Blue
C4SMG-BJS-CR24Q4T1
Any 4 consecutive sub-bins: R2 (605) - S3 (1017)
Any1colorbinfromB4(465nm)toB5(475nm)
Bulk
Blue
C4SMG-BJS-CS24Q3T1
Any 4 consecutive sub-bins: S2 (852) - T3 (1415)
Any1colorbinfromB3(460nm)toB4(470nm)
Bulk
Blue
C4SMG-BJS-CS24Q4T1
Any 4 consecutive sub-bins: S2 (852) - T3 (1415)
Any1colorbinfromB4(465nm)toB5(475nm)
Bulk
Blue
C4SMG-BJS-CQ0T0352
390
1520
B3
460
B5
475
Ammo
Blue
C4SMG-BJS-CQ0T0452
390
1520
B4
465
B5
475
Ammo
Blue
C4SMG-BJS-CQ14Q3T2
Any 4 consecutive sub-bins: Q1 (390) - R2 (660)
Any1colorbinfromB3(460nm)toB4(470nm)
Ammo
Blue
C4SMG-BJS-CQ14Q4T2
Any 4 consecutive sub-bins: Q1 (390) - R2 (660)
Any1colorbinfromB4(465nm)toB5(475nm)
Ammo
Blue
C4SMG-BJS-CR14Q3T2
Any 4 consecutive sub-bins: R1 (550) - S2 (934)
Any1colorbinfromB3(460nm)toB4(470nm)
Ammo
Blue
C4SMG-BJS-CR14Q4T2
Any 4 consecutive sub-bins: R1 (550) - S2 (934)
Any1colorbinfromB4(465nm)toB5(475nm)
Ammo
Blue
C4SMG-BJS-CR24Q4T2
Any 4 consecutive sub-bins: R2 (605) - S3 (1017)
Any1colorbinfromB4(465nm)toB5(475nm)
Ammo
Blue
C4SMG-BJS-CS24Q3T2
Any 4 consecutive sub-bins: S2 (852) - T3 (1415)
Any1colorbinfromB3(460nm)toB4(470nm)
Ammo
Blue
C4SMG-BJS-CS24Q4T2
Any 4 consecutive sub-bins: S2 (852) - T3 (1415)
Any1colorbinfromB4(465nm)toB5(475nm)
Ammo
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-sub-bin code and one color-bin code will be shipped on each reel. Selected single intensity-bin, single
color-bincodeswillbeorderableincertainquantities.Forexample,anyfourconsecutivesub-binsfromV1toW2
meanonlyoneintensitybinwithfoursub-binsofthefollowingbrightnessranges(V1-V4,V2-W1,V3-W2)willbe
shippedbyCree.Forexample,anyone-colorbinfromG7toG9meansonlyonecolorbin(G7orG8orG9)willbe
shipped by Cree.
2. Pleaserefertothe“CreeLEDLampReliabilityTestStandards”documentforreliabilitytestconditions.
3. Pleaserefertothe“CreeLEDLampSoldering&Handling”documentforinformationabouthowtousethisLED
productsafely.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com