Electronic Components Datasheet Search
  English  ▼

X  

C503T-GCS Datasheet(PDF) 1 Page - Cree, Inc

Part # C503T-GCS
Description  Cree짰 5-mm Blue and Green Round LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C503T-GCS Datasheet(HTML) 1 Page - Cree, Inc

  C503T-GCS Datasheet HTML 1Page - Cree, Inc C503T-GCS Datasheet HTML 2Page - Cree, Inc C503T-GCS Datasheet HTML 3Page - Cree, Inc C503T-GCS Datasheet HTML 4Page - Cree, Inc C503T-GCS Datasheet HTML 5Page - Cree, Inc C503T-GCS Datasheet HTML 6Page - Cree, Inc C503T-GCS Datasheet HTML 7Page - Cree, Inc C503T-GCS Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
Cree® 5-mm Blue and Green Round LED
C503T-BAS/BAN/GAS/GAN (15 degrees)
C503T-GCS/GCN (30 degrees)
Data Sheet
FEATURES
• Size (mm): 5
• Color and Typical Dominant Wavelength (nm):
»
Blue (470)
»
Green (527)
• Luminous Intensity (mcd)
»
C503T-BAS/BAN (3000-16800)
»
C503T-GAS/GAN (12000-64600)
»
C503T-GCS/GCN (4180-16800)
• Viewing Angle:
»
C503T-BAS/BAN/GAS/GAN: 15 degrees
»
C503T-GCS/GCN: 30 degrees
• Lead-Free
• RoHS-Compliant
APPLICATIONS
• Electronic Signs & Signals (ESS)
• Motorway Signs
• Variable-Message Sign (VMS)
• Advertising Signs
• Petrol Signs
• Amusement
Round LEDs offer superior light output for excellent readability in sunlight and
dependable performance. They provide extremely stable light output over long
periods of time.
These lamps are made with an advanced optical-grade epoxy offering superior
high-temperature and high-moisture resistance performance in outdoor signal
and sign applications.


Similar Part No. - C503T-GCS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503T-ACS CREE-C503T-ACS Datasheet
1Mb / 8P
Cree짰 5-mm Red and Amber Round LED
C503T-ACS-CV0X0251 CREE-C503T-ACS-CV0X0251 Datasheet
1Mb / 8P
Cree짰 5-mm Red and Amber Round LED
C503T-ACS-CV0X0252 CREE-C503T-ACS-CV0X0252 Datasheet
1Mb / 8P
Cree짰 5-mm Red and Amber Round LED
C503T-ACS-CV0X0351 CREE-C503T-ACS-CV0X0351 Datasheet
1Mb / 8P
Cree짰 5-mm Red and Amber Round LED
C503T-ACS-CV0X0352 CREE-C503T-ACS-CV0X0352 Datasheet
1Mb / 8P
Cree짰 5-mm Red and Amber Round LED
More results

Similar Description - C503T-GCS

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503B-BAS CREE-C503B-BAS Datasheet
505Kb / 6P
5-mm Blue and Green Round LED
logo
Marktech Corporate
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
Cree짰 5-mm Blue and Green Round LED
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
Cree짰 5-mm Red and Amber Round LEDs
C503C-WAS MARKTECH-C503C-WAS Datasheet
722Kb / 9P
Cree짰 5-mm Round LED
C513A-WSS MARKTECH-C513A-WSS Datasheet
598Kb / 10P
Cree짰 5-mm Round LED
C503B-BAS MARKTECH-C503B-BAS Datasheet
772Kb / 10P
5-mm Blue and Green Round LED
C503B-BAS MARKTECH-C503B-BAS_15 Datasheet
772Kb / 10P
5-mm Blue and Green Round LED
logo
Cree, Inc
C535A-WJS CREE-C535A-WJS Datasheet
944Kb / 14P
Cree짰 5mm Round LED
C503R-WAN CREE-C503R-WAN Datasheet
998Kb / 10P
Cree짰 5mm Round LED
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
Cree짰 5-mm Red and Amber Round LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com