Electronic Components Datasheet Search
  English  ▼

X  

TC4606B Datasheet(PDF) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC4606B
Description  Dual Enhanced MOSFET (N-P Trench)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC4606B Datasheet(HTML) 2 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC4606B Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC4606B Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC4606B Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC4606B Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC4606B Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC4606B Datasheet HTML 6Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC4606B Datasheet HTML 7Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC4606B Datasheet HTML 8Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC4606B Datasheet HTML 9Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.
TC4606B(文件编号:S&CIC1603)
双重增强型
MOSFET(N-P 沟道)
www.superchip.cn
第
2 页 共 9 页
Version 1.0
电气特性(TA=25℃,除非另有说明)
二极管
VSD
二极管正向
电压
ISD=2A,VGS=0V
N-CH
0.8
1.2
V
ISD=-1A,VGS=0V
P-CH
-1.5
-1.0
动态
RG
栅极电阻
VGS=0V,VDS=0V,F=1MHZ
N-CH
2
Ω
P-CH
11
CISS
输入电容
N-Channel
VGS=0V
VDS=25V
F=1MHZ
P-Channel
VGS=0V
VDS=-25V
F=1MHZ
N-CH
345
pF
P-CH
560
COSS
输出电容
N-CH
55
P-CH
55
CrSS
反向传输电
容
N-CH
35
P-CH
40
td(on)
打开延时时
间
N-Channel
VDD=15V,RL=15Ω
N-CH
11
20
ns
P-CH
12
24
符号
参数
测试条件
最小值
典型值
最大值
单位
静态
BVDSS
漏极击穿电
压
VGS=0V,IDS=250uF
N-CH
30
V
VGS=0V,IDS=-250uF
P-CH
-30
IDSS
零栅极电压
漏极电流
VDS=24V,VGS=0V
N-CH
1
uA
VDS=-24V,VGS=0V
P-CH
-1
VGS(TH)
栅极阈值电
压
VDS=VGS,IDS=250uA
N-CH
1.0
1.6
2.5
V
VDS=VGS,IDS=-250uA
P-CH
-1.0
-1.8
-2.5
IGSS
栅极漏电流
VGS=±20V,VDS=0V
N-CH
±
100
nA
P-CH
±
100
RDS(ON)
漏源导通电
阻
VGS=4.5V,IDS=5A
N-CH
25
30
mΩ
VGS=-4.5V,IDS=-2A
P-CH
62
80
VGS=10V,IDS=7A
N-CH
18
22
VGS=-10V,IDS=-3A
P-CH
40
55



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com