Electronic Components Datasheet Search
  English  ▼

X  

SI-3000LU Datasheet(PDF) 2 Page - Sanken electric

Part # SI-3000LU
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000LU Datasheet(HTML) 2 Page - Sanken electric

  SI-3000LU Datasheet HTML 1Page - Sanken electric SI-3000LU Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
qSI-3000LU Series
sElectrical Characteristics
*1: Is1 is specified as the 5% drop point of output voltage VO on the condition that VIN = 3.3 V (5 V for SI-3033LU, 6 V for SI-3050LU),
and IO = 10 mA.
*2: Output is OFF when the output control pin (VC pin) is open. Each input level is equivalent to that for LS-TTL. Therefore, the device can be
driven directly by an LS-TTL circuit.
(Ta=25
°C, VC=2V unless otherwise specified)
Unit
V
V
mV
mV
mV/
°C
dB
µA
µA
mA
V
µA
µA
V
Symbol
VO
Conditions
VDIF
Conditions
Conditions
∆VLINE
Conditions
∆VLOAD
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
Iq
Conditions
Iq(OFF)
Conditions
IS1
Conditions
VC, IH
VC, IL
IC, IH
Conditions
IC, IL
Conditions
VO
sExternal Dimensions
Pin Arrangement
q ADJ
w GND
e VC
r VIN
t VO
Plastic Mold Package Type
Flammability: UL94V-0
Weight: Approx. 0.05g
(Unit : mm)
4.5±0.05
0.1±0.05
0.4±0.03
1.6±0.05
4.2±0.05
4.2±0.05
4.2±0.05
4.2±0.05
4.2±0.05
4.7±0.05
1.5±0.05
1.5±0.05
( 1.0
±0.05 )
φ
tr
qw
e
Parameter
Output Voltage
Dropout Voltage
Line Regulation
Load Regulation
Temperature Coeffi-
cient of Output Voltage
Ripple Rejection
Quiescent Circuit
Current
OFF Circuit Current
Overcurrent Protection
Starting Current*1
Control Voltage (Output ON)*2
Control Voltage (Output OFF)*2
VC
Control Current (Output ON)
Pin
Control Current (Output OFF)
Output OFF Voltage
(Under
development)
(Under
development)
(Under
development)
Ratings
SI-3012LU
SI-3018LU
SI-3025LU
SI-3033LU
SI-3050LU
min.
typ.
max. min.
typ.
max. min.
typ.
max. min.
typ.
max. min.
typ.
max.
1.210 1.250 1.290 1.764 1.800 1.836 2.450 2.500 2.550 3.234 3.300 3.366 4.900 5.000 5.100
VIN=VO+1V, IO=10mA
VIN=3.3V, IO=10mA
VIN=3.3V, IO=10mA
VIN=5V, IO=10mA
VIN=6V, IO=10mA
0.3
0.5
0.3
0.3
0.3
IO=100mA(VO=3.3V)
IO=100mA
0.5
0.5
0.5
0.5
0.5
IO=250mA(VO=3.3V)
IO=250mA
10
10
10
10
15
VIN=VO+1 to VO+5V,
VIN=2.5 to 5V, IO=10mA
VIN=3.3 to 5V, IO=10mA
VIN=4.5 to 8V, IO=10mA
VIN=6 to 10V, IO=10mA
IO=10mA( VO=3.3V)
20
20
40
40
40
VIN=VO+1V,
VIN=3.3V, IO=1 to 250mA VIN=3.3V, IO=0 to 250mA
VIN=5V, IO=0 to 250mA
VIN=6V, IO=0 to 250mA
IO=1 to 250mA( VO=3.3V)
±0.3
±0.2
±0.25
±0.3
±0.3
Tj=0 to 100
°C
55
55
55
55
55
VIN=VO+1V,
VIN=3.3V, f=100 to 120HZ VIN=3.3V, f=100 to 120HZ
VIN=5V, f=100 to 120HZ
VIN=6V, f=100 to 120HZ
f=100 to 120HZ( VO=3.3V)
150
150
150
150
150
VIN=VO+1V, IO=0mA
VIN=3.3V, IO=0mA
VIN=3.3V, IO=0mA,
VIN=5V, IO=0mA,
VIN=6V, IO=0mA,
VC=2V, R2=100k
Ω
VC=2V
VC=2V
VC=2V
VC=2V
11111
VIN=VO+1V, VC=0V
VIN=3.3V, VC=0V
VIN=3.3V, VC=0V
VIN=5V, VC=0V
VIN=6V, VC=0V
260
260
260
260
260
VIN=VO+1V
VIN=3.3V
VIN=3.3V
VIN=5V
VIN=6V
2.0
2.0
2.0
2.0
2.0
0.8
0.8
0.8
0.8
0.8
40
40
40
40
40
VC=2V
0–5
0
–5
0–5
0
–5
0
–5
VC=0V
0.5
0.5
0.5
0.5
0.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com