Electronic Components Datasheet Search
  English  ▼

X  

DP1203F Datasheet(PDF) 1 Page - Semtech Corporation

Part # DP1203F
Description  433/868/915 MHz RF Modules
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

DP1203F Datasheet(HTML) 1 Page - Semtech Corporation

  DP1203F Datasheet HTML 1Page - Semtech Corporation DP1203F Datasheet HTML 2Page - Semtech Corporation DP1203F Datasheet HTML 3Page - Semtech Corporation DP1203F Datasheet HTML 4Page - Semtech Corporation DP1203F Datasheet HTML 5Page - Semtech Corporation DP1203F Datasheet HTML 6Page - Semtech Corporation DP1203F Datasheet HTML 7Page - Semtech Corporation DP1203F Datasheet HTML 8Page - Semtech Corporation DP1203F Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Rev 3 May 2006
www.semtech.com
1
DP1203F
433/868/915 MHz RF Modules
DP1203F – C433 / 868 / 915
433, 868 and 915 MHz Drop-In RF Transceiver Modules
Combine Small Form Factor with High Performance
GENERAL DESCRIPTION
The DP1203Fs are complete Radio Transceiver
Modules operating in the 433, 868 and 915 MHz
license free ISM (Industrial Scientific and Medical)
frequency
bands.
Based
on
the
XE1203F
transceiver,
the
DP1203F
offers
the
unique
advantage of high data rate communication up to
152.3 kbit/s. Combining high output power and
exceptional receiver sensitivity, the radio modules is
suitable for applications seeking to satisfy the
European (ETSI EN300-220-1 and EN301 439-3) or
the North American (FCC part 15.247 and 15.249)
regulatory standards.
The DP1203F modules can be used in any
environment where wireless remote connection is an
advantage. The DP1203F modules are perfect for
complex wireless networks involving high speed data
rate applications.
APPLICATIONS
•
Home automation and access control
•
Wireless Network
•
Process and building control
KEY PRODUCT FEATURES
•
No RF knowledge required
•
Direct Digital interface
•
Fully assembled and tested
•
Surface mount
•
30.5 mm x 18.5 mm
•
Available on tape&reel for Automatic assembly
system
•
Supply voltage 2.4 V – 3.6 V
•
Frequency synthesizer steps 500 Hz
•
Output power is programmable up to 15 dBm
•
High Rx 0.1% sensitivity down to -111 dBm
•
Data rate up to 152.3 kbit/s
•
Current consumption Tx=62 mA at15 dBm
•
Current consumption Rx=14 mA
•
Digital RSSI (Received Signal Strength Indicator)
•
Digital FEI (Frequency Error Indicator)
DEVICE OPTIONS
Part Number
Frequency band
Package
DP1203C4333LF
433-435 MHz
Board
DP1203C8683LF
868-870 MHz
Board
DP1203C9153LF
902-928 MHz
Board


Similar Part No. - DP1203F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DP1203C4333 SEMTECH-DP1203C4333 Datasheet
295Kb / 13P
868 and 915MHz Drop-In RF Transceiver Modules
More results

Similar Description - DP1203F

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
XE1203F SEMTECH-XE1203F Datasheet
516Kb / 36P
433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
logo
List of Unclassifed Man...
WI.DP1205-433-R ETC2-WI.DP1205-433-R Datasheet
398Kb / 18P
mplete Radio Transceiver Modules operating in the 433, 868 and 915 MHz license free ISM
RFM60 ETC2-RFM60 Datasheet
291Kb / 9P
MCU with 315/433/868/915 MHz ISM Band Transmitter Module
logo
STMicroelectronics
SP1ML STMICROELECTRONICS-SP1ML Datasheet
777Kb / 27P
SPIRIT1 868 and 915 MHz low power RF modules with integrated microcontroller
26-Jun-2015
SPSGRF STMICROELECTRONICS-SPSGRF Datasheet
330Kb / 23P
Sub-GHz (868 or 915 MHz) low power programmable RF transceiver modules
17-Oct-2016
logo
Suntsu Electronics, Inc...
SATCA-9A4A2A-ISB4 SUNTSU-SATCA-9A4A2A-ISB4 Datasheet
970Kb / 5P
ISM 433/868/915 Band
SATCA-10F3A1G-ISB4 SUNTSU-SATCA-10F3A1G-ISB4 Datasheet
1,006Kb / 5P
ISM 433/868/915 Band
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
OnBoard 868/915/8682400 MHz - Antenna
ACR1504I3-EVB ABRACON-ACR1504I3-EVB Datasheet
571Kb / 4P
Evaluation Board - 915/868/433 MHz: LPWA/ISM Multiband Chip Antenna
09-13-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com