Electronic Components Datasheet Search
  English  ▼

X  

F50 Datasheet(PDF) 1 Page - Semtech Corporation

Part # F50
Description  RECTIFIER, up to 7.5kV, 180mA, 300ns
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

F50 Datasheet(HTML) 1 Page - Semtech Corporation

  F50 Datasheet HTML 1Page - Semtech Corporation F50 Datasheet HTML 2Page - Semtech Corporation F50 Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
RECTIFIER, up to 7.5kV, 180mA,
300ns
F50
F75
January 7, 1998
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com


Similar Part No. - F50

ManufacturerPart #DatasheetDescription
logo
Powerbox
F50 POWERBOX-F50 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
F50 XPPOWER-F50 Datasheet
622Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
F50 XPPOWER-F50 Datasheet
2Mb / 6P
DC-HVDC C ONVERTER
22 Jun 2022
logo
Magnetrol International...
F50-1A2F-JEE MAGNETROL-F50-1A2F-JEE Datasheet
363Kb / 28P
Flow Switches
logo
ITT Industries
F50-A24-3002A90 ITT-F50-A24-3002A90 Datasheet
489Kb / 42P
RF Coaxial Connectors
More results

Similar Description - F50

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5207 MICREL-MIC5207 Datasheet
78Kb / 12P
180mA Low-Noise LDO Regulator
logo
Fairchild Semiconductor
FAN2558 FAIRCHILD-FAN2558 Datasheet
307Kb / 15P
180mA Low Voltage CMOS LDO
logo
Semtech Corporation
SM75F SEMTECH-SM75F Datasheet
253Kb / 3P
RECTIFIER UP YO 10kV, 290mA, 300ns
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
RECTIFIER, up to 1kV, 3.25A, 300ns
F40A SEMTECH-F40A Datasheet
121Kb / 3P
RECTIFIER, up to 6kV, 100mA, 300ns
S15F SEMTECH-S15F Datasheet
121Kb / 3P
RECTIFIER, up to 2.5kV, 500mA, 300ns
logo
Solid State Optronic
AD4C313 SSOUSA-AD4C313 Datasheet
357Kb / 9P
180mA Maximum Continuous Load Current
logo
M.S. Kennedy Corporatio...
SM6701 MSK-SM6701 Datasheet
96Kb / 1P
Linear LED Driver With Adjustable Current Up to 180mA
logo
SamHop Microelectronics...
SM6701 SAMHOP-SM6701 Datasheet
96Kb / 1P
Linear LED Driver With Adjustable Current Up to 180mA
logo
Maxim Integrated Produc...
MAX40009EVKIT MAXIM-MAX40009EVKIT Datasheet
1Mb / 11P
300ns Propagation Delay
Rev 1; 6/17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com