Electronic Components Datasheet Search
  English  ▼

X  

TC8002CS Datasheet(PDF) 5 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

Part # TC8002CS
Description  3W audio power amplifier IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUMAN [SHENZHEN FUMAN ELECTRONICS CO., LTD.]
Direct Link  http://www.superchip.cn
Logo FUMAN - SHENZHEN FUMAN ELECTRONICS CO., LTD.

TC8002CS Datasheet(HTML) 5 Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.

  TC8002CS Datasheet HTML 1Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8002CS Datasheet HTML 2Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8002CS Datasheet HTML 3Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8002CS Datasheet HTML 4Page - SHENZHEN FUMAN ELECTRONICS CO., LTD. TC8002CS Datasheet HTML 5Page - SHENZHEN FUMAN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
深圳市富满电子有限公司
SHENZHEN FUMAN ELECTRONICS CO., LTD.
TC8002CS(文件编号:S&CIC1082)
3W 音频功放 IC
第 5 页 共 5 页
九、电路原理图
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Title
Num ber
Revision
Size
B
Date:
24-Nov-2009
Sheet
of
File:
E:\规格书\规格图\规格图-0\ZBO\SC4871.ddb
Drawn By :
+
-
+
-
NC
R
PU
VDD
C
1.0uF
B
Ci
0.39uF
Ri
20KΩ
Audio
Input
Rf
20KΩ
-IN
+IN
Bypass
Shutdown
Bias
Cs
+
1.0uF
Tant
VDD
100KΩ
VDD/2
GND
A V= -1
40KΩ
40KΩ
VO1
VO2
RL
8Ω
1
2
3
4
5
6
7
8
100KΩ
十、封装尺寸图
SOP-8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com