Electronic Components Datasheet Search
  English  ▼

X  

AH280 Datasheet(PDF) 3 Page - Anachip Corp

Part # AH280
Description  Hall-Effect Smart Fan Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH280 Datasheet(HTML) 3 Page - Anachip Corp

  AH280 Datasheet HTML 1Page - Anachip Corp AH280 Datasheet HTML 2Page - Anachip Corp AH280 Datasheet HTML 3Page - Anachip Corp AH280 Datasheet HTML 4Page - Anachip Corp AH280 Datasheet HTML 5Page - Anachip Corp AH280 Datasheet HTML 6Page - Anachip Corp AH280 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AH280
Hall-Effect Smart Fan Driver
Anachip Corp.
www.anachip.com.tw
Rev. 0.7 Apr 16, 2004
3/7
Absolute Maximum Ratings (T
A = 25°C)
Characteristics
Symbol
Rating
Unit
Operating Supply Voltage
VCC
20
V
IO (AVE)
500
Output Current
IO (PEAK)
800
mA
SIP-5L / SOP-8L
550
Power Dissipation
PD
SOP-8L EP
1000
mW
Operating Temperature
TOPR
-20~85
°C
Storage Temperature
TSTG
-55~150
°C
DO(DOB) Vceo D.C. Voltage
Vceo
40
Vdc
Electrical Characteristics (T
A=25°C, VCC=12V, CT=1
µF)
Characteristics
Symbol
Test Conditions
Min, Typ.
Max.
Unit
Internal Zener-protected Voltage
VZ
-
-
46
-
V
VCC=5V
Output1 “ON”
10
15
20
Quiescent current
IQ
VCC=12V
Output1 “ON”
10
17
20
mA
IO=0.2A, TJ=25°C
-
0.4
-
IO=0.4A, TJ=25°C
-
0.6
-
Output saturation voltage
DO
DOB
IO=0.5A, TJ=25°C
-
0.7
-
V
Charge current
ICHG
-
-
2.4
-
µA
Discharge current
IDHG
-
-
0.5
-
µA
VCL
Clamp Voltage
-
2.0
-
Limiting voltage
VCP
Comparator Voltage
-
1.0
-
V
On time
TON
CT=.47µF
-
250
-
ms
Automatic
self-rotation
recovery
circuit
Duty ratio
DR
TOFF / TON
3
5
7
-
Magnetic Characteristics
(1mT = 10 Gauss)
A grade
TA= -20°C to +85°C
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Operate Point
BOP
10
-
60
G
Release Point
BRP
-60
-
-10
G
Hysteresis
BHYS
-
100
-
G
B grade
TA= -20°C to +85°C
Characteristics
Symbol
Min.
Typ.
Max.
Unit
Operate Point
BOP
10
-
80
G
Release Point
BRP
-80
-
-10
G
Hysteresis
BHYS
-
100
-
G



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com