Electronic Components Datasheet Search
  English  ▼

X  

GS3471 Datasheet(PDF) 75 Page - Semtech Corporation

Part # GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Datasheet(HTML) 75 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 71Page - Semtech Corporation GS3471 Datasheet HTML 72Page - Semtech Corporation GS3471 Datasheet HTML 73Page - Semtech Corporation GS3471 Datasheet HTML 74Page - Semtech Corporation GS3471 Datasheet HTML 75Page - Semtech Corporation GS3471 Datasheet HTML 76Page - Semtech Corporation GS3471 Datasheet HTML 77Page - Semtech Corporation GS3471 Datasheet HTML 78Page - Semtech Corporation GS3471 Datasheet HTML 79Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
75 of 179
Semtech
www.semtech.com
Figure 4-41: Ancillary Data Extraction - Step D
Toggling the ANC_DATA_SWITCH bit LOW returns the process to step A (Figure 4-41).
Note 1: Toggling the ANC_DATA_SWITCH must occur at a time when no extraction is
taking place, i.e. when the both the Y/1ANC and C/2ANC signals are LOW.
To turn extraction off, the ANC_DATA_EXT_MASK bit must be set HIGH.
In HD mode, the device can detect ancillary data packets in the Luma video data only,
Chroma video data only, or both. By default (at power-up or after a system reset) the
device extracts ancillary data packets from the Luma channel only.
In 3G mode Level A, the device can detect ancillary data packets in Luma video (Data
Stream 1) only, Chroma video (Data Stream 2) only, or both. By default (at power-up or
after a system reset) the device extracts ancillary data packets from Data Stream 1 only.
In 3G mode Level B, the device can detect ancillary data packets in Luma video only,
Chroma video only, or both from either Link A or Link B. Selection of Link A or Link B for
ANC data extraction is done via the host interface.
In 3G Level B the device may be programmed via the user interface so that the YANC
data from Link A is extracted as the YANC data and the YANC data from Link B is
extracted as CANC data. By default, or at reset or power-up, this is the setup for 3G level
B input signals.
0
1023
ApplicationLayer
ReadPointer
Internal Write
Pointer
BankA
ANC_DATA_SWITCH=HIGH
0
1023
BankB
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
C00
C00
FFF
FFF
h
h
h
h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com