Electronic Components Datasheet Search
  English  ▼

X  

RGPSM002 Datasheet(PDF) 21 Page - Semtech Corporation

Part # RGPSM002
Description  GPS Receiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RGPSM002 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button RGPSM002 Datasheet HTML 17Page - Semtech Corporation RGPSM002 Datasheet HTML 18Page - Semtech Corporation RGPSM002 Datasheet HTML 19Page - Semtech Corporation RGPSM002 Datasheet HTML 20Page - Semtech Corporation RGPSM002 Datasheet HTML 21Page - Semtech Corporation RGPSM002 Datasheet HTML 22Page - Semtech Corporation RGPSM002 Datasheet HTML 23Page - Semtech Corporation RGPSM002 Datasheet HTML 24Page - Semtech Corporation RGPSM002 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
© Semtech 2005
www.semtech.com
21
RGPSM002
GPS Receiver
5.5
GPS DATA BACK-UP
The almanac data is the information transmitted by each satellite on the orbits and state (health) of the entire
constellation. The ephemeris is a list of accurate positions or locations of celestial objects as a function of time. So, the
availability of almanac and ephemeris data, in addition to time and approximate position, allows the GPS receiver to
rapidly acquire satellites as soon as it is turned on. There are 3 possible start conditions when the receiver is turned on:
a) the Cold Start, that is the start-up sequence of the receiver when no initialization data is available; b) the Warm Start,
that is the start-up sequence of the receiver when the last position, the time and the almanac information are available;
and c) the Hot Start, that is the start-up sequence of the receiver when the ephemeris, the last position, the time and the
almanac information are available.
In the RGPSM002, the GPS data structure, including almanac, ephemeris and last position fix, is copied into a specific
sector of the on-board Flash memory, that’s the back-up Flash sector, or BBFlash. The data are stored the first time the
almanac is complete and up-to-date, then every M minutes, where M is defined in Default Parameters Table *, parameter
#37. Alternatively, the Flash can be programmed with valid information during the manufacturing process. This is to
avoid downloading it from satellites, which takes approx. 12.5 minutes. Then, as long as the main power supply remains
turned ON, the GPS data structure is kept in RAM. However, data in RAM are not maintained if the main supply is
switched OFF (or in case of a power failure). In this case, upon power up, these data are uploaded from the Flash back-
up memory into the GPS data RAM. Provided these data are valid – 2 months for the Almanac, 2 hours for ephemeris –
the TTFF will be shorter than Cold Start TTFF, since the receiver will be in Warm or Hot start condition.
(*) see the Default Settings section below
With the Flash technology embedded technology, it takes approx. 0.5 seconds to erase and update the Flash sectors
where the GPS data structure is stored.
5.6
REAL TIME CLOCK
The receiver board has a hardware Real Time Clock chip that operates independently from the MCU and the GPS
function. When the GPS receiver is active and as soon as the GPS time becomes available the RTC is synchronized
with GPS time. Then, as long as GPS time is available, the RTC is synchronized every 60 seconds.
If the main power supply VCC is turned OFF and provided the VRTCBK supply is available, the RTC operates and keep
RTC information up to date. By doing so, when both the main VCC supply and the GPS receiver are turned ON again the
time information will be available.
5.7
SPLIT SEARCH MODE
This feature is useful when the initial position is incorrect, for example when the receiver is powered down, put on a
plane, flown 10,000 km, and then warm-started. If the user does not activate the DELPOSN I/O or does not sent the
proprietary PXEMSTR,SSDI NMEA command, the receiver will start to search for the satellites it believes are above it
(warm start condition). However, after approximately 5 minutes, it will free up some of its channels to search for other
satellites in the constellation. When it finds one it will free up more channels and recover from a Warm start with an
inaccurate initial position.
5.8
HARDWARE RESET AND SYSTEM WATCHDOG
The receiver has an embedded microcontroller voltage supply supervisor. This device will automatically generate a
hardware reset if the voltage supply goes under the specified value. In this case, the receiver will restart from a known
and stable state in case of a power shortage on the main supply while in operation.
In addition, the receiver firmware includes a system watchdog reset procedure. Should a system exception occurs, the
receiver will execute a software reset to restart operation in a safe mode. In this case the receiver will not have position
fixes for 15 seconds on average.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com