Electronic Components Datasheet Search
  English  ▼

X  

74HC147 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC147
Description  10-TO-4 LINE PRIORITY ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC147 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC147 Datasheet HTML 1Page - NXP Semiconductors 74HC147 Datasheet HTML 2Page - NXP Semiconductors 74HC147 Datasheet HTML 3Page - NXP Semiconductors 74HC147 Datasheet HTML 4Page - NXP Semiconductors 74HC147 Datasheet HTML 5Page - NXP Semiconductors 74HC147 Datasheet HTML 6Page - NXP Semiconductors 74HC147 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1990
2
Philips Semiconductors
Product specification
10-to-4 line priority encoder
74HC/HCT147
FEATURES
• Encodes 10-line decimal to 4-line BCD
• Useful for 10-position switch encoding
• Used in code converters and generators
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT147 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT147 9-input priority encoders accept data
from nine active LOW inputs (A0 to A8) and provide a
binary representation on the four active LOW outputs
(Y0 to Y3). A priority is assigned to each input so that when
two or more inputs are simultaneously active, the input
with the highest priority is represented on the output, with
input line A8 having the highest priority.
The devices provide the 10-line to 4-line priority encoding
function by use of the implied decimal “zero”. The “zero” is
encoded when all nine data inputs are HIGH, forcing all
four outputs HIGH.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 °C; tr = tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay An to Yn
CL = 15 pF; VCC = 5 V
15
17
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per package
notes 1 and 2
30
33
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com