Electronic Components Datasheet Search
  English  ▼

X  

13T2/27 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 13T2/27
Description  13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 4-pack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

13T2/27 Datasheet(HTML) 1 Page - Satco Products, Inc.

  13T2/27 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6235
13T2/27
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI;
Medium base; 120 volts; 4-pack
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
4-Bulb Value Pack
S6235
Item Number
UPC
Voltage
Watts
Incandescent Equivalent
Lamp Shape
Base
ANSI Base
S6235
045923062353
120
13
60W
T2
Medium
E26
Lamp Code
MOL In Inches
MOD In Inches
Initial Lumens
Average Rated Hours Kelvin Temp
Color
Pack
13T2/27
4.13''
1.81''
900
12000
2700
Warm White
12
Package Type
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Box
82
Lawful for sale in
California
1.6 mg
Yes
Yes
2 Year Limited


Similar Part No. - 13T2/27

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
13T2/27 SATCO-13T2/27 Datasheet
130Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 4-pack
13T2/27 SATCO-13T2/27 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
13T2/27 SATCO-13T2/27 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 8-pack
13T2/27 SATCO-13T2/27 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
13T2/27/12V SATCO-13T2/27/12V Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 12 volts
More results

Similar Description - 13T2/27

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S5516 SATCO-S5516 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S5547 SATCO-S5547 Datasheet
130Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 4-pack
S5549 SATCO-S5549 Datasheet
130Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts; 4-pack
S6238 SATCO-S6238 Datasheet
127Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 3500K; 82 CRI; Medium base; 120 volts; 4-pack
S6277 SATCO-S6277 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 8-pack
S6279 SATCO-S6279 Datasheet
125Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 8-pack
S7217 SATCO-S7217 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7325 SATCO-S7325 Datasheet
124Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7411 SATCO-S7411 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 230 volts
S8227 SATCO-S8227 Datasheet
126Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com