Electronic Components Datasheet Search
  English  ▼

X  

13T2/50 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 13T2/50
Description  13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts; 4-pack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

13T2/50 Datasheet(HTML) 1 Page - Satco Products, Inc.

  13T2/50 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6237
13T2/50
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI;
Medium base; 120 volts; 4-pack
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
4-Bulb Value Pack
S6237
Item Number
UPC
Voltage
Watts
Incandescent Equivalent
Lamp Shape
Base
ANSI Base
S6237
045923062377
120
13
60W
T2
Medium
E26
Lamp Code
MOL In Inches MOD In Inches
Initial Lumens
Average Rated Hours Kelvin Temp
Color
Pack
13T2/50
4.13''
1.81''
880
12000
5000
Natural Light
12
Package Type
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Box
82
Lawful for sale in
California
1.6 mg
Yes
Yes
2 Year Limited


Similar Part No. - 13T2/50

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
13T2/50 SATCO-13T2/50 Datasheet
130Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts; 4-pack
13T2/50 SATCO-13T2/50 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
13T2/50 SATCO-13T2/50 Datasheet
130Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
13T2/50/230V SATCO-13T2/50/230V Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 230 volts
More results

Similar Description - 13T2/50

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S5518 SATCO-S5518 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S5543 SATCO-S5543 Datasheet
129Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts; 3-pack
S5549 SATCO-S5549 Datasheet
130Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts; 4-pack
S6238 SATCO-S6238 Datasheet
127Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 3500K; 82 CRI; Medium base; 120 volts; 4-pack
S6273 SATCO-S6273 Datasheet
138Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts; 3-pack
S6276 SATCO-S6276 Datasheet
140Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts; 3-pack
S7219 SATCO-S7219 Datasheet
130Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7233 SATCO-S7233 Datasheet
125Kb / 1P
26 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7263 SATCO-S7263 Datasheet
125Kb / 1P
5 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts
S7412 SATCO-S7412 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 230 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com