Electronic Components Datasheet Search
  English  ▼

X  

18T2/41 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 18T2/41
Description  18 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts; 3-pack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

18T2/41 Datasheet(HTML) 1 Page - Satco Products, Inc.

  18T2/41 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PDF was successfully created - CLICK LINK TO DOWNLOAD =>http://www.satco.com/media/PDF/satco_product_5487.pdf
S6272
18T2/41
18 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI;
Medium base; 120 volts; 3-pack
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
3 -Bulb Value Pack
S6272
Item Number
UPC
Voltage
Watts
Incandescent Equivalent
Lamp Shape
Base
ANSI Base
S6272
045923062728
120
18
75W
T2
Medium
E26
Lamp Code
MOL In Inches
MOD In Inches
Initial Lumens
Average Rated Hours Kelvin Temp
Color
Pack
18T2/41
4.52''
2.13''
1200
10000
4100
Cool White
12
Package Type
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Box
82
Lawful for sale in
California
1.6 mg
Yes
Yes
2 Year Limited


Similar Part No. - 18T2/41

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
18T2/41 SATCO-18T2/41 Datasheet
125Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
More results

Similar Description - 18T2/41

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S5543 SATCO-S5543 Datasheet
129Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts; 3-pack
S6273 SATCO-S6273 Datasheet
138Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 5000K; 82 CRI; Medium base; 120 volts; 3-pack
S6275 SATCO-S6275 Datasheet
140Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts; 3-pack
S7212 SATCO-S7212 Datasheet
125Kb / 1P
9 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7215 SATCO-S7215 Datasheet
133Kb / 1P
11 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7218 SATCO-S7218 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7222 SATCO-S7222 Datasheet
124Kb / 1P
15 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7225 SATCO-S7225 Datasheet
125Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7232 SATCO-S7232 Datasheet
125Kb / 1P
26 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7262 SATCO-S7262 Datasheet
125Kb / 1P
5 watt; Mini Spiral Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com