Electronic Components Datasheet Search
  English  ▼

X  

18T2/27 Datasheet(PDF) 1 Page - Satco Products, Inc.

Part # 18T2/27
Description  18 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 8-pack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SATCO [Satco Products, Inc.]
Direct Link  https://www.satco.com/
Logo SATCO - Satco Products, Inc.

18T2/27 Datasheet(HTML) 1 Page - Satco Products, Inc.

  18T2/27 Datasheet HTML 1Page - Satco Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S6278
18T2/27
18 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI;
Medium base; 120 volts; 8-pack
Features
Self-ballasted Spiral CFL
Uses 75% less energy than equivalent incandescent lamps
Long Life
Instant On
8 -Bulb Value Pack
S6278
Item Number
UPC
Voltage
Watts
Incandescent Equivalent
Lamp Shape
Base
ANSI Base
S6278
045923062780
120
18
75W
T2
Medium
E26
Lamp Code
MOL In Inches
MOD In Inches
Initial Lumens
Average Rated Hours Kelvin Temp
Color
Pack
18T2/27
4.52''
2.13''
1140
10000
2700
Warm White
15
Package Type
CRI
CEC Status
Hg Content
RoHS Compliant
UL or ETL Listed
Warranty
Box
82
Lawful for sale in
California
1.6 mg
Yes
Yes
2 Year Limited


Similar Part No. - 18T2/27

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
18T2/27 SATCO-18T2/27 Datasheet
129Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 3-pack
18T2/27 SATCO-18T2/27 Datasheet
124Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
18T2/27 SATCO-18T2/27 Datasheet
125Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
18T2/27/230V SATCO-18T2/27/230V Datasheet
125Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 230 volts
More results

Similar Description - 18T2/27

ManufacturerPart #DatasheetDescription
logo
Satco Products, Inc.
S5523 SATCO-S5523 Datasheet
124Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S5541 SATCO-S5541 Datasheet
129Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 3-pack
S6235 SATCO-S6235 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 4-pack
S6277 SATCO-S6277 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 8-pack
S6279 SATCO-S6279 Datasheet
125Kb / 1P
23 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts; 8-pack
S7214 SATCO-S7214 Datasheet
126Kb / 1P
11 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7217 SATCO-S7217 Datasheet
125Kb / 1P
13 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7224 SATCO-S7224 Datasheet
125Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7261 SATCO-S7261 Datasheet
124Kb / 1P
5 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7326 SATCO-S7326 Datasheet
124Kb / 1P
18 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com