Electronic Components Datasheet Search
  English  ▼

X  

625F Datasheet(PDF) 16 Page - MKS Instruments.

Part # 625F
Description  600 Series Analog Capacitance Manometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

625F Datasheet(HTML) 16 Page - MKS Instruments.

Back Button 625F Datasheet HTML 8Page - MKS Instruments. 625F Datasheet HTML 9Page - MKS Instruments. 625F Datasheet HTML 10Page - MKS Instruments. 625F Datasheet HTML 11Page - MKS Instruments. 625F Datasheet HTML 12Page - MKS Instruments. 625F Datasheet HTML 13Page - MKS Instruments. 625F Datasheet HTML 14Page - MKS Instruments. 625F Datasheet HTML 15Page - MKS Instruments. 625F Datasheet HTML 16Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Ordering Information
600 Series - 2/19
© 2009-2019 MKS Instruments, Inc.
All rights reserved.
MKS products provided subject to the US Export Regulations. Diversion or transfer contrary to US law is prohibited.
Some Baratron® capacitance manometer products may not be exported to many end user countries without both US and local
government export licenses under ECCN 2B230. Specifications are subject to change without notice. mksinst™ is a trademark
and Baratron® is a registered trademark of MKS Instruments, Inc., Andover, MA. Inconel® and Incoloy® are registered
trademarks of Inco Alloys International, Inc., Huntington, WV. Swagelok®, VCR® and VCO® are registered trademarks of
Swagelok Corp., Solon, OH. Conflat® is a registered trademark of Varian Associates, Inc., Lexington, MA.
D24F
B
0
B
11T
C
D24F and D25F
Configuration
Ordering Code Example: D24F11TBCB0
Code
Example
Absolute Capacitance Manometers
Dual range, 45oC sensor temperature, relays
D24F
Dual range, 100oC sensor temperature, relays
D25F
Pressure Ranges Full Scale (Torr)
10
11T
100
12T
1000
13T
Fittings
1/2” OD (12.7 mm) tubulation
A
Swagelok 8 VCR, female
B
1.33” OD Conflat, rotatable
C
NW16-KF
D
Accuracy (% of Reading)
0.12% (D24D only)
C
0.25% (D25D only)
E
Electrical Connector
15-pin D-connector, thread locks
B
15-pin D-connector, slide locks
P
Secondary Range Gain Ratio
2 to 1
2
5 to 1
5
10 to 1
0
D27F
1
B
CE
11T
C
D27F and D28F
0
Configuration
Ordering Code Example: D27F11TCEC1B0
Code
Example
Absolute Capacitance Manometers
Dual range, sensor temperature 45oC
D27F
Dual range, sensor temperature 100oC
D28F
Pressure Ranges Full Scale (Torr)
1
01T
10
11T
100
12T
1000
13T
Fittings
1/2” OD (12.7 mm) tubulation
BA
Swagelok 8 VCR, female
CE
Swagelok 8 VCO, female
DA
NW16-KF
GA
1.33” OD Conflat, rotatable
HA
Accuracy (% of Reading)
0.12% (1 to 1000 Torr only, D27D)
C
0.25% (1 to 1000 Torr only, D28D)
E
Orientation/Calibration
Vertical calibration (standard for 1 to 1000 Torr)
1
Horizontal calibration (< 1 Torr only)
5
Electrical Connector
15-pin D-connector, thread locks
B
15-pin D-connector, slide locks
P
Secondary Range Gain Ratio
2 to 1
2
5 to 1
5
10 to 1
0
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel: 978.645.5500
Tel: 800.227.8766 (in U.S.A.)
Web: www.mksinst.com
MKS Instruments, Inc.
Pressure & Vacuum Measurement Solutions
Six Shattuck Road
Andover, MA 01810
Tel: 978.975.2350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com