Electronic Components Datasheet Search
  English  ▼

X  

629F Datasheet(PDF) 9 Page - MKS Instruments.

Part # 629F
Description  600 Series Analog Capacitance Manometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

629F Datasheet(HTML) 9 Page - MKS Instruments.

Back Button 629F Datasheet HTML 5Page - MKS Instruments. 629F Datasheet HTML 6Page - MKS Instruments. 629F Datasheet HTML 7Page - MKS Instruments. 629F Datasheet HTML 8Page - MKS Instruments. 629F Datasheet HTML 9Page - MKS Instruments. 629F Datasheet HTML 10Page - MKS Instruments. 629F Datasheet HTML 11Page - MKS Instruments. 629F Datasheet HTML 12Page - MKS Instruments. 629F Datasheet HTML 13Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
600-Series Baratron®
Capacitance Manometer
Displays and Power Supplies
Power Supplies/
Digital Readouts
*Subject to total power consumption of connected instrument(s) and PR4000 options
PR4000
PDR2000
660C
One or two channels,
multiple relays, high power
Economical single/dual
channel readout
Standard-series
two-channel readout
Display Type
Digital, 4½-place LCD
Digital, 4-place Red LED
Digital, 4½-place LED
Number of Channels
1 4000B
2 4000B
2
1
Input Power Required
115/230 VAC, 50/60 Hz
Universal input; 110-240 VAC; 47-63 Hz,
40 VA, IEC 320 instrument power input
receptacle
Standard: 120 VAC ±10, 50/60 Hz
Optional: 240, 100, or 220 VAC
Input Signal
0 to ±10 VDC
0 to ±5 VDC
Other, scalable
0 to +10 VDC
0 to ±10 VDC
Power Supply Output
±15 VDC @ 0.8 Amps
±15 VDC @ 1.5 Amps
24 VDC @ 1 Amp
±15 VDC @ 750 mA
±15 VDC ±5% @ 0.25 Amps max.
Signal Output (analog)
1 analog output per channel with 16 bit
resolution
Linear, 4 VDC for F.S. output, (0.5 VDC per
decade), 0-10 VDC each transducer
0 to ±VDC capacitance manometer passed
through, not zeroed
Signal Output (digital)
Optional RS-232, RS-485
Linear, 4 VDC for F.S. output,
(0.5 VDC per decade), 0-10 VDC each
transducer
Optional: RS232 interface outputs pressure
and alarm status, and provides setup
input of alarm trip points, hysteresis, and
display zero
Trip Points
2, fully programmable
Two relays, contacts rated at 2 Amps @
30 VDC
4 open collector transistors (2 high, 2 low)
with adjustable hysteresis and status LEDs;
adjustable from 1 to 100%
Trip Point Relay Ratings
2 5PDT, 2 Amps @ 30 VDC,
1 Amp @ 230 VAC
Two relays, contacts rated at 2 Amps @
30 VDC
Open collector transistors rated for
50 Volts/100mA max.
Operating Temperature Range
15° - 40°C
2° - 50°C
0° - 55°C
Compatible Instruments
622, 623, 624, 625, 626, 627, 628*; Other
MKS products: 120*, 220, 223, 230*, 430,
619*, 621*, 631*, 722, 740, 750, 850,
852, 870, 872 capacitance manometers;
640 pressure controller; 358, 558, 179
mass flow meters, 1179, 1559 mass flow
controllers
628 (one only); Other MKS products: 622,
623, 624, 627, 722, 750, 850, 852, 870,
872, 223
(unidirectional only)
622, 623, 624, 626, 627; Other MKS
products: 223, 722, 740, 750, 850,
852, 870, 872 capacitance manometers;
Display only for 120, 220, 619, 621, 631
capacitance manometers; 358, 558, 179
mass flow meters
Mounting
Half 19-inch rack mount
1/8” DIN enclosure;
94 mm x 47 mm x 165 mm
1/8” DIN enclosure;
96 mm x 48 mm x 140 mm, case mounts
in 92 mm x 45 mm panel cutout
Channel Selection
Dual display
User selected by front panel push button
N/A
Compliance
CE
CE
CE
Additional Information
Wide array of standard features. Options
for digital communicators and high
power output for temperature-controlled
manometers
RS-232 (9600 baud, 8 data bits, no parity,
1 stop bit)
Low cost, compact enclosure for two
manometers
For use with both capacitance manometers
and mass flow meters; input scaler
provides direct reading for any sensor
range; display can be remotely zeroed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com