Electronic Components Datasheet Search
  English  ▼

X  

D24F Datasheet(PDF) 6 Page - MKS Instruments.

Part # D24F
Description  600 Series Analog Capacitance Manometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

D24F Datasheet(HTML) 6 Page - MKS Instruments.

Back Button D24F Datasheet HTML 2Page - MKS Instruments. D24F Datasheet HTML 3Page - MKS Instruments. D24F Datasheet HTML 4Page - MKS Instruments. D24F Datasheet HTML 5Page - MKS Instruments. D24F Datasheet HTML 6Page - MKS Instruments. D24F Datasheet HTML 7Page - MKS Instruments. D24F Datasheet HTML 8Page - MKS Instruments. D24F Datasheet HTML 9Page - MKS Instruments. D24F Datasheet HTML 10Page - MKS Instruments. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
*24VDC input power available for some models; contact MKS Applications for assistance.
**Not all fittings available for all pressure ranges; contact MKS Applications for assistance.
Baratron® 600-Series
Capacitance Manometers
622C
623F
626C
627F
628F
629F
624F
Unheated,
Terminal Block
Connector
Unheated, Terminal
Block Connector,
Relays
Unheated,
15-pin
D-connector
Heated to 45°C,
15-pin
D-connector
Heated to 100°C,
15-pin
D-connector
Heated to 45°C or
100°C, 9-pin
D-connector
Heated to 45°C,
15-pin D-connector,
Relays
Full Scale Pressure Ranges - Torr (mbar)
1, 2, 10, 20, 100, 500
and 1000
(1.33 to 1333)
10, 20, 100, 500 and
1000
(13.3 to 1333)
0.1, 0.25, 1, 2, 10, 20,
100, 500 and 1000
(0.13 to 1333)
0.02, 0.05, 0.1, 0.25, 1,
2, 10, 20, 100, 1000,
2000, 5000, 10000,
15000, and 20000
(0.026 to 26315)
0.05, 0.1, 0.25, 1, 2, 10,
20, 100, 1000, 2000,
5000, 10000, 15000,
and 20000
(0.066 to 26315)
0.02, 0.05, 0.1, 0.25, 1,
2, 10, 20, 100, 1000,
2000, 5000, 10000,
15000, and 20000
(0.026 to 26315)
1, 10, 20, 100, 500,
1000, 2000, 5000,
10000, 15000, and
20000 (1.33 to 26315)
Accuracy - % of Reading
0.25%
0.25%
0.25%
0.12% for 1 Torr and
above; 0.15% for 0.25,
0.1, and 0.05 Torr;
0.25% for 0.02 Torr
0.25% for 1 Torr and
above; 0.50% for below
1 Torr
For 45°C models: 0.12%
for 1 Torr and above;
0.15% for 0.25, 0.1, and
0.05 Torr.
For 100°C models:
0.25% for 1 Torr and
above; 0.50% for below
1 Torr.
0.12%
Resolution - % of Full Scale
0.001%
0.001%
0.001%
0.001% for 0.10 Torr
and higher; 0.002% for
<0.10 Torr.
0.001% for 0.10 Torr
and higher; 0.002% for
<0.10 Torr.
0.001% for 0.10 Torr
and higher; 0.002% for
<0.10 Torr.
0.001%
Zero Temperature Coefficient - % FS/°C
0.005% for 10 Torr
and higher; 0.010%
for 2 Torr; and 0.015%
for 1 Torr
0.005%
0.005% for 10 Torr
and higher; 0.010%
for 2 Torr; and 0.015%
for 1 Torr
0.002% for 1 Torr and
higher; 0.005% for 0.1
and 0.25 Torr; 0.015%
for 0.05 Torr; 0.030%
for 0.02 Torr
0.002% for 1 Torr and
higher; 0.010% for 0.1
and 0.25 Torr; 0.015%
for 0.05 Torr
Same as 627F and 628F
specifications for 45°C
and 100°C temperatures
0.002%
Span Temperature Coefficient -
% Reading/°C
0.04%
0.04%
0.04%
0.02%
0.02%
0.02%
0.02%
Ambient Operating Temperature
0 to 50°C
0 to 50°C
0 to 50°C
15 to 40°C
15 to 50°C
45°C models: 15 to 40°C
100°C models: 15 to
50°C.
15 to 40°C
Warmup Time
30 minutes
30 minutes
30 minutes
2 hours for 1 Torr and
higher; 4 hours for
<1 Torr
2 hours for 1 Torr and
higher; 4 hours for
<1 Torr
2 hours for 1 Torr and
higher; 4 hours for
<1 Torr
2 hours for 1 Torr and
higher; 4 hours for
<1 Torr
Overpressure Limit
45 psia
45 psia
45 psia
45 psia
45 psia
45 psia
45 psia
Materials Exposed to Process Gases
(excluding optional fittings)
Inconel and Incoloy
alloys
Inconel and Incoloy
alloys
Inconel and Incoloy
alloys
Inconel and Incoloy
alloys
Inconel and Incoloy
alloys
Inconel and Incoloy
alloys
Inconel and Incoloy
alloys
Exposed Volume - cm3
6.3
6.3
6.3
6.3
6.3
6.3
6.3
Input Power Requirements*
±15VDC (±5%)
@ 35 mA
±15VDC (±5%)
@ 75 mA
±15VDC (±5%)
@ 35 mA
±15VDC (±5%)
@ 250 mA max
±15VDC (±5%)
@ 500 mA max
Same as 627F and 628F
specifications for 45°C
and 100°C temperatures
±15VDC (± 5%)
@ 400 mA max
Output Signal
0-10VDC into > 10
k-ohms
0-10VDC into > 10
k-ohms
0-10VDC into > 10
k-ohms
0-10VDC into > 10
k-ohms
0-10VDC into > 10
k-ohms
0-10VDC into > 10
k-ohms
0-10VDC into > 10
k-ohms
Trip Relay Specifications
Not Applicable
(2) independent relays,
SPDT contacts rated
at 1 amp @ 30VDC
or 0.5 amp @ 30 VAC
resistive. Each relay
adjustable from 0.1%
to 100% of FS range.
12.5 k ohm max
source impedance.
Not Applicable
Not Applicable
Not Applicable
Not Applicable
(2) independent relays,
SPDT contacts rated
at 1 amp @ 30VDC
or 0.5 amp @ 30 VAC
resistive. Each relay
adjustable from 0.1%
to 100% of FS range.
12.5 k ohm max source
impedance.
Electrical Connector(s)
5-post terminal strip
(2) terminal strips,
(1) 5-post and
(1) 8-post"
15-pin D-subminiature
with thread locks
15-pin D-subminiature
with thread locks
15-pin D-subminiature
with thread locks
9-pin D-subminiature
with thread locks
15-pin D-subminiature
with thread locks,
15-pin D-subminiature
with slide locks,
terminal block adapter,
15-pin D-subminiature,
filtered
Connection Fitting - Standard
1/2" OD (12.7 mm)
tubulation
1/2" OD (12.7 mm)
tubulation
1/2" OD (12.7 mm)
tubulation
1/2" OD (12.7 mm)
tubulation
1/2" OD (12.7 mm)
tubulation
1/2" OD (12.7 mm)
tubulation
1/2" OD (12.7 mm)
tubulation
Connection Fittings - Optional**
8 Female VCR, 1.33"
OD Conflat, NW16-KF,
8 Female VCO, 2.75"
OD Conflat, NW25-KF
8 Female VCR, 1.33”
OD Conflat, NW16-KF,
8 Female VCO, 2.75”
OD Conflat, NW25-KF
8 Female VCR, 1.33" OD
Conflat, NW16-KF,
8 Female VCO, 2.75" OD
Conflat, NW25-KF
8 Female VCR, 1.33" OD
Conflat, NW16-KF,
8 Female VCO, 2.75" OD
Conflat, NW25-KF
8 Female VCR, 1.33" OD
Conflat, NW16-KF,
8 Female VCO, 2.75" OD
Conflat, NW25-KF
8 Female VCR, 1.33" OD
Conflat, NW16-KF,
8 Female VCO, 2.75" OD
Conflat, NW25-KF
8 Female VCR, 1.33"
OD Conflat, NW16-KF
Compliance
CE
CE
CE
CE
CE
CE
CE
Catalog Options
None
None
None
Temperature/Heater
Status LEDs; 15-pin
D-connector
with slide locks
Temperature/Heater
Status LEDs; 15-pin
D-connector
with slide locks
Heater Status
Indication;
External Zero Adjust
(not available on 0.02
Torr/45°C or
0.05 Torr/100°C
configurations
15-pin D-connector
with slide locks;
Terminal Block Adaptor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com