Electronic Components Datasheet Search
  English  ▼

X  

629F Datasheet(PDF) 2 Page - MKS Instruments.

Part # 629F
Description  Excellent long-term stability
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MKS [MKS Instruments.]
Direct Link  https://www.mksinst.com/
Logo MKS - MKS Instruments.

629F Datasheet(HTML) 2 Page - MKS Instruments.

  629F Datasheet HTML 1Page - MKS Instruments. 629F Datasheet HTML 2Page - MKS Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
01T
629F
B
J
C
Specifications and
Ordering Information
Full Scale Ranges
0.02 (45°C only), 0.05, 0.1, 0.25, 1, 2, 10, 20, 100, 1000, 2000, 5000, 10000, 15000, 20000, 25000 Torr
Resolution
0.001% of Full Scale (0.002% of Full Scale for 0.02 and 0.05 Torr)
Accuracy
45°C version
0.12% of Reading (including non-linearity, hysteresis, and non-repeatability) for 1 - 25,000 Torr;
0.15% of Reading for 0.25, 0.1, and 0.05 Torr; and 0.25% for 0.02 Torr
100°C version
0.25% of Reading (including non-linearity, hysteresis, and non-repeatability) for 1 - 25,000 Torr; 0.50% of
Reading for < 1 Torr
Temperature Coefficients
Zero
45°C version
0.002% of Full Scale/°C for 1-25000 Torr range; 0.005% Full Scale/°C for 0.25 and 0.1 Torr,
0.015% Full Scale/°C for 0.05 Torr, 0.03% Full Scale/°C for 0.02 Torr
100°C version
0.002% of Full Scale/°C for 1-25000 Torr, 00.01% Full Scale/oC for 0.25 and 0.1 Torr;
and 0.02% of Full Scale/°C for 0.05 Torr
Span
0.02% of Reading/°C
Ambient Operating Temperature
15°C to 40°C for 45°C version
15°C to 50°C for 100°C version
Volume
6.3 cc
Warm-Up Time
2 hours for 1 - 25,000 Torr ranges, 4 hours for ranges < 1 Torr
Overpressure Limit
45 psia (310 kPa) or 120% Full Scale, whichever is greater
Materials Exposed to Gases
Inconel®
Input Power Required
±15 VDC ±5% @ 0.25 Amps for 45°C, 0.6 Amps for 100°C
Output Signal
Pressure: 0 to +10 VDC into >10K
Ω load
Optional Features at Temperature
At temperature status: semiconductor switch will turn “ON” and corresponding green LED will be “ON”
Status (LED and Switch) and
when the instrument is at temperature. Option not available: 0.02 Torr/45°C and 0.05 Torr/100°C.
External Zero
External Zero allows voltage input that is equal to and opposite to a zero offset.
Option not available: 0.02 Torr/45°C and 0.05 Torr/100°C
Fittings
Standard: 1/2'' (12.7 mm) tubulation; Optional: 8 VCR® and 8 VCO® female, NW16 KF and NW25 KF,
1.33'' OD CF and 2.75'' OD CF
Compliance
CE
Some Baratron® capacitance manometer products may not be exported to many end user countries without both US and local
government export licenses under ECCN 2B230. Specifications are subject to change without notice. mksinst™ is a trademark
and Baratron® is a registered trademark of MKS Instruments, Inc., Andover, MA. VCR® and VCO® are registered trademarks of
Swagelok® Co., Solon OH. Inconel® is a registered trademark of Inco Alloys International, Inc., Huntington, WV.
629F - 3/19
© 2014-2019 MKS Instruments, Inc.
All rights reserved.
Dimensional Drawing —
Note: Unless otherwise specified,
dimensions are nominal values in inches
(mm referenced).
1
Ordering Code Example: 629F01TACJ1B
Code
Configuration
629F
629F
Pressure Range Full Scale
0.02 (not available in 100°C)
U2T
0.05
U5T
0.1
.1T
0.25
RET
1
01T
2
02T
10
11T
20
21T
100
12T
1000
13T
2000
23T
5000
53T
10000
14T
15000
RBT
20000
24T
25000
RCT
Fittings
1/2'' diameter tubulation
A
8 VCR® female
B
1.33'' OD CF
C
NW16 KF (range < 5000 Torr)
D
8 VCO® female
E
2.75'' OD CF
L
NW25 KF (range < 5000 Torr)
Q
Accuracy
0.12% of Reading (standard on 45°C, 1 thru 25000 Torr)
C
0.15% of Reading (standard on 45°C, 0.05 Torr, & 0.1 Torr)
D
0.25% of Reading (standard on 100°C, 1 thru 1000 Torr, 45°C - 0.02 Torr)
E
0.5% of Reading, (standard on 100°C, <1 Torr)
F
Temperature
45°C
J
100°C
L
Options
Standard Configuration
1
Optional Heater Status
2
External Zero (not available on 0.02 Torr 45°C and 0.05 Torr 100°C)
3
Heater Status and External Zero (not available on 0.02 Torr 45°C
4
and 0.05 Torr 100°C)
Connector
9 pin Type “D” with Thread Lock (standard)
B
9 pin Type “D” with Slide Lock (optional)
P
MKS Instruments, Inc.
Global Headquarters
2 Tech Drive, Suite 201
Andover, MA 01810
Tel: 978.645.5500
Tel: 800.227.8766 (in U.S.A.)
Web: www.mksinst.com
MKS Instruments, Inc.
Pressure & Vacuum Measurement Solutions
Six Shattuck Road
Andover, MA 01810
Tel: 978.975.2350



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com