Electronic Components Datasheet Search
  English  ▼

X  

2N4402 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N4402
Description  General Purpose Transistors(PNP Silicon)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4402 Datasheet(HTML) 2 Page - ON Semiconductor

  2N4402 Datasheet HTML 1Page - ON Semiconductor 2N4402 Datasheet HTML 2Page - ON Semiconductor 2N4402 Datasheet HTML 3Page - ON Semiconductor 2N4402 Datasheet HTML 4Page - ON Semiconductor 2N4402 Datasheet HTML 5Page - ON Semiconductor 2N4402 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N4402 2N4403
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
2N4403
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
2N4402
2N4403
(IC = 10 mAdc, VCE = 1.0 Vdc)
2N4402
2N4403
(IC = 150 mAdc, VCE = 2.0 Vdc)(1)
2N4402
2N4403
(IC = 500 mAdc, VCE = 2.0 Vdc)(1)
Both
hFE
30
30
60
50
100
50
100
20
—
—
—
—
—
150
300
—
—
Collector – Emitter Saturation Voltage(1)
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VCE(sat)
—
—
0.4
0.75
Vdc
Base – Emitter Saturation Voltage(1)
(IC = 150 mAdc, IB = 15 mAdc)
(IC = 500 mAdc, IB = 50 mAdc)
VBE(sat)
0.75
—
0.95
1.3
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 20 mAdc, VCE = 10 Vdc, f = 100 MHz)
2N4402
2N4403
fT
150
200
—
—
MHz
Collector–Base Capacitance (VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Ccb
—
8.5
pF
Emitter–Base Capacitance (VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Ceb
—
30
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N4402
2N4403
hie
750
1.5 k
7.5 k
15 k
ohms
Voltage Feedback Ratio (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hre
0.1
8.0
X 10–4
Small–Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N4402
2N4403
hfe
30
60
250
500
—
Output Admittance (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hoe
1.0
100
µmhos
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 30 Vdc, VBE = + 2.0 Vdc,
IC = 150 mAdc, IB1 = 15 mAdc)
td
—
15
ns
Rise Time
(VCC = 30 Vdc, VBE = + 2.0 Vdc,
IC = 150 mAdc, IB1 = 15 mAdc)
tr
—
20
ns
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB1 = 15 mA, IB2 = 15 mA)
ts
—
225
ns
Fall Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB1 = 15 mA, IB2 = 15 mA)
tf
—
30
ns
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
SWITCHING TIME EQUIVALENT TEST CIRCUIT
Scope rise time < 4.0 ns
*Total shunt capacitance of test jig connectors, and oscilloscope
+2 V
– 16 V
10 to 100
µs,
DUTY CYCLE = 2%
0
1.0 k
Ω
– 30 V
200
Ω
CS* < 10 pF
1.0 k
Ω
– 30 V
200
Ω
CS* < 10 pF
+ 4.0 V
< 2 ns
1.0 to 100
µs,
DUTY CYCLE = 2%
< 20 ns
+14 V
0
–16 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com