Electronic Components Datasheet Search
  English  ▼

X  

HD151BF854 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD151BF854
Description  2.5 V PLL Clock Buffer for DDR Application
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151BF854 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD151BF854 Datasheet HTML 5Page - Renesas Technology Corp HD151BF854 Datasheet HTML 6Page - Renesas Technology Corp HD151BF854 Datasheet HTML 7Page - Renesas Technology Corp HD151BF854 Datasheet HTML 8Page - Renesas Technology Corp HD151BF854 Datasheet HTML 9Page - Renesas Technology Corp HD151BF854 Datasheet HTML 10Page - Renesas Technology Corp HD151BF854 Datasheet HTML 11Page - Renesas Technology Corp HD151BF854 Datasheet HTML 12Page - Renesas Technology Corp HD151BF854 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HD151BF854
Rev.4, Jan. 2003, page 7 of 11
Electrical Characteristics
Item
Symbol
Min
Typ *
1
Max
Unit
Test Conditions
Input clamp voltage
(All inputs)
VIK
—
—
–1.2
V
II = –18 mA, VDD = 2.3 V
VDD–0.2
——
IOH = –100 µA, VDD = 2.3 to 2.7
V
VOH
1.7
—
VDD
IOH = –12 mA, VDD = 2.3 V
——
0.2
IOL = 100 µA, VDD = 2.3 to 2.7 V
Output voltage
VOL
——
0.6
V
IOL = 12 mA, VDD = 2.3 V
Input current
II
–10
—
10
µA
VI = 0 V or 2.7 V,
VDD = 2.7 V, CLKIN, FBIN
Analog supply current
AICC
—
—
12
mA
VDD = AVDD = 2.7 V,
170 MHz
Dynamic supply current
DICC
—
250
300
mA
VDD = AVDD = 2.7 V,
170 MHz
All Yn,
Yn, = open
Input capacitance*
2
CI
2.5
—
3.5
pF
Delta input capacitance*
2
CDi
–0.25
—
0.25
pF
CLKIN and FBIN
Notes: 1. For conditions shown as Min or Max, use the appropriate value specified under recommended
operating conditions.
2. Target of design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com