Electronic Components Datasheet Search
  English  ▼

X  

IRFZ10 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRFZ10
Description  HEXFET Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRFZ10 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRFZ10 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ10 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ10 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ10 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ10 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ10 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ10 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
IRFZ10
HEXFET
®
Power MOSFET
www.artschip.com
1
Dynamic dv/dt Rating
175℃ Operating Temperature
Fast Switching
Ease of Paralleling
Simple Drive Requirements
VDSS=60V
RDS(on) =0.20Ω
ID=10A
G:Gate
D: Drain
S: Source
Description
Third Generation HEXFETs from International Rectifier provide the designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately
50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the
industry.
Absolute Maximum Ratings
Parameter
Max.
Units
ID@ Tc=25℃
Continuous Drain Current, VGS @ 10V
10
ID@ Tc=100℃
Continuous Drain Current, VGS @ 10V
7.2
IDM
Pulsed Drain Current ①
40
A
PD@ TC=25℃
Power Dissipation
43
W
Linear Derating Factor
0.29
W/℃
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ②
47
mJ
dv/dt
Peak Diode Recovery dv/dt ③
4.5
V/ns
TJ
TSTG
Operating Junction and
Storage Temperature Range
-55 to +175
Soldering Temperature, for 10 seconds
300 (1.8mm from case)
℃
Mounting Torque, 6-32 or M3 screw
10 Ibf
•in (1.1N•m)
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RӨJC
Junction-to-Case
-
-
3.5
RӨCS
Case-to-Sink, Flat, Greased Surface
-
0.50
-
RӨJA
Junction-to-Ambient
-
-
62
℃
/W
Electrical Characteristics
@ TJ=25℃ (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Test Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
-
-
V
VGS=0V, ID=250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
-
0.063
-
V/℃
Reference to 25℃,ID=1mA
RDS(on)
Static Drain-to-Source On-Resistance
-
-
0.20
Ω
VGS=10V, ID=6.0A
VGS(th)
Gate Threshold Voltage
2.0
-
4.0
V
VDS=VGS, ID=250µA
gfs
Forward Transconductance
2.4
-
-
S
VDS=25V, ID=6.0A
-
-
25
VDS=60V, VGS=0V
IDSS
Drain-to-Source Leakage Current
-
-
250
µA
VDS=48V, VGS=0V, TJ=150℃
Gate-to-Source Forward Leakage
-
-
100
VGS=20V
IGSS
Gate-to-Source Reverse Leakage
-
-
-100
nA
VGS=-20V
Qg
Total Gate Charge
-
-
11
Qgs
Gate-to-Source Charge
-
-
3.1
Qgd
Gate-to-Drain (“Miller”) Charge
-
-
5.8
nC
ID=10A
VDS=48V
VGS=10V See Fig. 6 and 13④
td(on)
Turn-On Delay Time
-
10
-
tr
Rise Time
-
50
-
td(off)
Turn-Off Delay Time
-
13
-
tf
Fall Time
-
19
-
ns
VDD=30V
ID=10A
RG=24Ω
RD=2.7Ω See Figure 10④
LD
Internal Drain Inductance
-
4.5
-
LS
Internal Source Inductance
-
7.5
-
nH
Between lead, 6mm
(0.25in.) from package
and
center
of
die
contact
Ciss
Input Capacitance
-
300
-
Coss
Output Capacitance
-
160
-
Crss
Reverse Transfer Capacitance
-
29
-
pF
VGS=0V
VDS=25V
F=1.0MHz See Figure 5
Source-Drain Ratings and Characteristics


Similar Part No. - IRFZ10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ10 IRF-IRFZ10 Datasheet
354Kb / 8P
HEXFETR POWER MOSFET
logo
Vishay Siliconix
IRFZ10 VISHAY-IRFZ10 Datasheet
960Kb / 8P
Power MOSFET
07-Jul-08
IRFZ10 VISHAY-IRFZ10 Datasheet
1Mb / 9P
Power MOSFET
21-Mar-11
IRFZ10 VISHAY-IRFZ10 Datasheet
1Mb / 9P
Power MOSFET
21-Mar-11
logo
New Jersey Semi-Conduct...
IRFZ10 NJSEMI-IRFZ10 Datasheet
619Kb / 2P
HEXFET* Power MOSFET
More results

Similar Description - IRFZ10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com