Electronic Components Datasheet Search
  English  ▼

X  

GS2978 Datasheet(PDF) 2 Page - Semtech Corporation

Part # GS2978
Description  HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2978 Datasheet(HTML) 2 Page - Semtech Corporation

  GS2978 Datasheet HTML 1Page - Semtech Corporation GS2978 Datasheet HTML 2Page - Semtech Corporation GS2978 Datasheet HTML 3Page - Semtech Corporation GS2978 Datasheet HTML 4Page - Semtech Corporation GS2978 Datasheet HTML 5Page - Semtech Corporation GS2978 Datasheet HTML 6Page - Semtech Corporation GS2978 Datasheet HTML 7Page - Semtech Corporation GS2978 Datasheet HTML 8Page - Semtech Corporation GS2978 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
GS2978
Final Data Sheet
Rev.8
GENDOC-037186
July 2015
2 of 15
Semtech
www.semtech.com
Revision History
Version
ECO
PCN
Date
Changes and/or Modifications
8
026637
−
July 2015
Updated document template to newest version.
7
151357
−
March 2009
Added 2.5k reel option to section 6.6 Ordering Information. Added
maximum power consumption value to Table 2-2: DC Electrical
Characteristics.
6
150277
−
August 2008
Updated data sheet format. Added Tape & Reel Part Number to 6.6
Ordering Information.
5
147849
−
October 2007
Changed minimum value of differential input signal amplitude in
Section 4.1.
4
147552
−
September
2007
Changed Input Voltage Swing in Table 2-3: AC Electrical Characteristics.
3
146309
−
July 2007
Corrected part number typo in Ordering Information on page 14.
2
144827
41693
April 2007
Added Table 4-1: RSET vs. VOD.
1
142318
—
November 2006
Converting to Data Sheet. Added section 6.4 Solder Reflow Profiles.
Added typical ORL values in AC Electrical Characteristics.
0
140608
—
May 2006
Changed to Preliminary Data Sheet. Removed references to trial
publication for SMPTE 424M. Modified IIH/IILconditions to 10μA in DC
Electrical Characteristics and additive jitter in AC Electrical
Characteristics. Added section 4.3 Output Return Loss Measurement.
B
139766
—
March 2006
Corrected pad standoff height and tolerances for pad width & package
dimension. Corrected pad shape.
A
138454
—
February 2006
New document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com