Electronic Components Datasheet Search
  English  ▼

X  

AW3112 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW3112
Description  30 V / 3 A low saturation PNP trIpole integrated with NMOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3112 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW3112 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW3112 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW3112 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW3112 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW3112 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW3112 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW3112 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW3112 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW3112 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AW3112
August 2017 V1.1
www.awinic.com.cn
3
Copyright © 2017 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ORDERING INFORMATION
Part Number
Temperature
Package
Marking
Delivery Form
AW3112 DNR
-40℃~85℃
DFN2×2mm-6L
AW12
3000 units/ Tape
and Reel
AW3112
Shipping
R: Tape & Reel
Package Type
DN: DFN
ABSOLUTE MAXIMUM RATINGS(NOTE1)
Symbol
Parameter
Value
Unit
30V PNP BJT
Vcbo
Collector-Base Voltage
-40
V
Vceo
Collector-Emitter Voltage
-32
V
Vebo
Emitter-base Voltage
-6
V
Ic
Collector Current
-3
A
Icm
Collector Peak Current
-6
A
20V NMOSFET
Vdss
Drain-source voltage
20
V
Vgss
Gate-source voltage
±8
V
Id
Drain current
180
mA
Idp
Drain peak current
360
mA
Temperature, Dissipation and Thermal Resistance
Ptot
Total Dissipation
1.5
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature
-65~150
℃
TL
Lead Temperature
260
℃
θJA
Thermal Resistance
85.6
℃/W
NOTE1: Conditions out of those ranges listed in "absolute maximum ratings" may cause permanent
damages to the device. In spite of the limits above, functional operation conditions of the device should
within the ranges listed in "recommended operating conditions". Exposure to absolute-maximum-rated
conditions for prolonged periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com