Electronic Components Datasheet Search
  English  ▼

X  

AW3644CSR Datasheet(PDF) 22 Page - Shanghai awinic technology co.,ltd

Part # AW3644CSR
Description  High Efficiency, Dual Independent 1.5A Flash LED Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW3644CSR Datasheet(HTML) 22 Page - Shanghai awinic technology co.,ltd

Back Button AW3644CSR Datasheet HTML 18Page - Shanghai awinic technology co.,ltd AW3644CSR Datasheet HTML 19Page - Shanghai awinic technology co.,ltd AW3644CSR Datasheet HTML 20Page - Shanghai awinic technology co.,ltd AW3644CSR Datasheet HTML 21Page - Shanghai awinic technology co.,ltd AW3644CSR Datasheet HTML 22Page - Shanghai awinic technology co.,ltd AW3644CSR Datasheet HTML 23Page - Shanghai awinic technology co.,ltd AW3644CSR Datasheet HTML 24Page - Shanghai awinic technology co.,ltd AW3644CSR Datasheet HTML 25Page - Shanghai awinic technology co.,ltd AW3644CSR Datasheet HTML 26Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
AW3644
July 2018 V1.5
www.awinic.com.cn
22
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
This fault flag can be reset to '0' by reading back the Flags1 Register (0x0A), or by setting HWEN to '0', or by
setting the SW RESET bit to a '1', or by removing power to the AW3644.
NTC THERMISTOR INPUT (TORCH/TEMP)
The TORCH/TEMP pin, when set to TEMP mode, serves as a threshold detector and bias source for negative
temperature coefficient (NTC) thermistors. When the voltage at TEMP goes below the programmed threshold,
bit[0] is set to a
‘1’, and the AW3644 is placed into standby mode. The NTC threshold voltage is adjustable
from 200 mV to 900 mV in 100-mV steps. The NTC bias current is set to 50µA. The NTC detection circuitry
can be enabled or disabled via the Enable Register. If enabled, the NTC block turns on and off during the start
and stop of a Flash/Torch event.
Additionally, the NTC input looks for an open NTC connection and a shorted NTC connection. If the NTC input
falls below 100 mV, the NTC short flag is set(bit[4] in the Flags2 Register), and the AW3644 is forced into
standby mode. If the NTC input rises above 2.3 V, the NTC Open flag is set(bit[3] in the Flags2 Register), and
the AW3644 is forced into standby mode. These fault detections can be individually disabled/enabled via the
NTC Open Fault Enable bit and the NTC Short Fault Enable bit in Temp register(0x09)
VTRIP
VSHORT
VOPEN
Control
Logic
VIN
TORCH/
TEMP
INTC
RNTC
Fig 51
Temp Detection Diagram
The AW3644 is not available for operation until Flags2 register is cleared. The three NTC fault flags can be
reset to '0' by reading back the Flags2 Register (0x0B), or by setting HWEN to '0', or by setting the SW
RESET bit to a '1', or by removing power to the AW3644.
UNDERVOLTAGE LOCKOUT (UVLO)
The AW3644 has an internal comparator that monitors the voltage at IN and forces the AW3644 into standby
if the input voltage drops to 2.5 V. If the UVLO monitor threshold is tripped, the UVLO flag bit is set in the
Flags1 Register (0x0A). If the input voltage rises above 2.5 V, the AW3644 is not available for operation until
there is an I2C read of the Flags1 Register (0x0A). Upon a read, the Flags1 register is cleared, and normal
operation can resume if the input voltage is greater than 2.5 V.
VOUT SHORT FAULT
The Output Short Fault flag reads back a '1' if the device is active in Flash or Torch mode and the boost output
experiences a short condition. VOUT short condition occurs if the voltage at OUT goes below 2.3V (typ.) while
the device is in Torch or Flash mode. There is a deglitch time of 2.048ms before the VOUT Short flag is valid.
The mode bits are cleared upon an the VOUT short fault. The AW3644 is not available for operation until
VOUT Fault flags is cleared. The VOUT Short Faults can be reset to '0' by reading back the Flags1 Register
(0x0A), or by setting HWEN to '0', or by setting the SW RESET bit to a '1', or by removing power to the
AW3644.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com