Electronic Components Datasheet Search
  English  ▼

X  

AW5015 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW5015
Description  Very Low Noise Submergence
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW5015 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW5015 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW5015 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AW5015 datasheet
Apr 2016 V1.2
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
Page 4 of 23
ABSOLUTE MAXIMUM RATINGS
1)
Table 2 .
Limiting Values
Parameter
Symbol
Values
Unit
Min.
Typ.
Max.
Supply Voltage at pin VCC
VCC
-0.3
-
5.0
V
Voltage at pin EN
2)
VEN
-0.3
-
5.0
V
Current into pin VCC
ICC
-
-
30
mA
RF input power
3)
PIN
-
-
10
dBm
Package thermal resistance
θJA
-
148.2
℃/W
Junction temperature
TJ
-
-
150
℃
Storage temperature range
TSTG
-65
-
150
℃
Ambient temperature range
Tamb
-40
-
85
℃
Solder temperature(10s)
-
260
-
℃
ESD range
HBM
4)
±3000
V
Latch-up
Standard
:JEDEC STANDARD NO.78D NOVEMBER 2011
+IT: +400
-IT: -400
mA
mA
Note1: Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied. Exposure to absolute maximum rated condi-
tions for extended periods may affect device reliability.
Note2: Warning: due to internal ESD diode protection, the applied DC voltage should not exceed 5.0V in order to
avoid excess current.
Note3: The RF input and RF output are AC coupled through internal DC blocking capacitor.
Note4: HBM standard: MIL-STD-883H Method 3015.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com