Electronic Components Datasheet Search
  English  ▼

X  

AW5025 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW5025
Description  Ultra-Low Noise Amplifier for Global Navigation Satellite Systems (GNSS)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW5025 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW5025 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW5025 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW5025 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW5025 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW5025 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW5025 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW5025 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW5025 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW5025 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
AW5025
Apr 2016 V1.3
www.awinic.com.cn
4
Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD
ELECTRICAL CHARACTERISTICS
Table 3 .
Electrical Characteristics
(AW5025  EVB
1)
;  VCC=1.5  to  3.6V,  TA=‐40~+85℃,  f=1550MHz  to  1615MHz;  Typical  values  are  at  VCC=2.8V 
and TA=+25℃, f=1575.42MHz, 
Pin=-30dBm, unless otherwise noted.) 
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC ELECTRICAL CHARACTERISTICS
VCC
Supply Voltage
1.5
-
3.6
V
ISD
Shut-Down Current
EN=Low
1.0
μA
ICC
Supply Current
EN=High
6.9
15.0
mA
VEN
Digital Input-Logic High
0.80
V
VEN
Digital Input-Logic Low
0.45
V
AC ELECTRICAL CHARACTERISTICS
Gp
Power Gain
1
7.5
dB
RLin
Input Return Loss
7.0
dB
ISL
Reverse Isolation
31.0
dB
RLout
Output Return Loss
11.0
dB
NF
Noise Figure
2)
Zs=50 ohm;
No jammer
0.60
dB
Kf
Stability factor
f=20MHz
…10GHz
1
NFj
Noise Figure with jam-
mer
Pjam=-20dBm;
fjam=850MHz
1.18
dB
Pjam=-20dBm;
fjam= 1850MHz
1.47
dB
Pjam=-30dBm;
fjam=850MHz
0.62
dB
Pjam=-30dBm;
fjam= 1850MHz
0.67
dB
IP1dB
Inband input
1dB-compression point
f=1575.42MHz;
-9.4
dBm
IIP3oob
Out-of-band input
3rd-order intercept point
f1= 1712.7MHz;
f2=1850MHz;
Pin=-20dBm
3.4
dBm
IIP3oob
Out-of-band input
3rd-order intercept point
f1= 1712.7MHz;
f2=1850MHz;
Pin=-30dBm
3.6
dBm
IIP2oob
Out-of-band input
2rd-order intercept point
f1= 2400MHz;
f2=824.6MHz;
Pin=-20dBm
8.4
dBm
IIP2oob
Out-of-band input
2rd-order intercept point
f1= 2400MHz;
f2=824.6MHz;
Pin=-30dBm
8.7
dBm
H2-input
referred
LTE band-13 2nd Har-
monic
f=787.76MHz;
Pin=-25dBm;
fH2=1575.52MHz
-63.1
dBm
1
5.0
1
9.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com