Electronic Components Datasheet Search
  English  ▼

X  

AW8110 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW8110
Description  Non-Crack-Noise, Ultra-Low-EMI, 3W, Mono, Filter-Free, Class-D Audio Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW8110 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW8110 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW8110 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW8110 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW8110 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW8110 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW8110 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW8110 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW8110 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW8110 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AW8110 Datasheet
June 2010 V1.3
COPYRIGHT ©2009 SHANGHAI AWINIC TECHNOLOGY CO., LTD.
Page 4 of 14
 
Electrical Characteristics
Test Condition: TA=25℃(Unless otherwise specified)
Parameter
Conditions
Min
Typ
Max
Units
Electrical Characteristics
VDD
Power voltage
2.5
5.5
V
VIH
High-level input voltage
1.3
VIL
Low-level input voltage
0.35
|VOS|
Output offset voltage
VIN=0V,AV=3V/V,VDD=2.5V to 5.5V
5
25
mV
IQ
Quiescent current
VDD=3.6V
2.8
mA
ISD
Shutdown current
VDD=3.6V, SHUTDOWN =0V
0.1
μA
PSRR
Power supply rejection ratio
217Hz
-80
dB
CMRR
Common mode rejection ratio
-70
dB
fSW
Switching frequency
VDD=2.5V to 5.5V
800
kHz
AV
Gain
Rin
150kΩ
3
×
V/V
SHUTDOWN pin pull-down res
300
kΩ
Operating Characteristics
PO
Output power
(NCNOFF mode )
RL=8Ω,THD+N=1%,f=1kHz,VDD=5V
1.25
W
RL=8Ω,THD+N=1%,f=1kHz,VDD=4.2V
0.85
W
RL=8Ω,THD+N=10%,f=1kHz,VDD=5V
1.5
W
RL=8Ω,THD+N=10%,f=1kHz,VDD=4.2V
1.05
W
RL=4Ω,THD+N=1%,f=1kHz,VDD=5V
2.0
W
RL=4Ω,THD+N=1%,f=1kHz,VDD=4.2V
1.45
W
RL=4Ω,THD+N=10%,f=1kHz,VDD=5V
2.45
W
RL=4Ω,THD+N=10%,f=1kHz,VDD=4.2V
1.8
W
RL=3Ω,THD+N=1%,f=1kHz,VDD=5V
2.4
W
RL=3Ω,THD+N=1%,f=1kHz,VDD=4.2V
1.7
W
RL=3Ω,THD+N=10%,f=1kHz,VDD=5V
3.0
W
RL=3Ω,THD+N=10%,f=1kHz,VDD=4.2V
2.2
W
THD+N
Total harmonic distortion plus
noise
VDD=5V,Po=0.5W,RL=8Ω,f=1kHz
0.04
%
VDD=5V,Po=1W,RL=4Ω,f=1kHz
0.04
%
η
Efficiency
VDD=5V,Po=0.8W,RL=8Ω,f=1kHz
90
%
tST
Start-up time
32
ms
NCN
AMAX
Maximum attenuation gain
-10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com