Electronic Components Datasheet Search
  English  ▼

X  

AW8738 Datasheet(PDF) 4 Page - Shanghai awinic technology co.,ltd

Part # AW8738
Description  High efficiency, low noise, sound volume, MultI-Level AGC 8
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AWINIC [Shanghai awinic technology co.,ltd]
Direct Link  http://www.awinic.com.cn/index.php
Logo AWINIC - Shanghai awinic technology co.,ltd

AW8738 Datasheet(HTML) 4 Page - Shanghai awinic technology co.,ltd

  AW8738 Datasheet HTML 1Page - Shanghai awinic technology co.,ltd AW8738 Datasheet HTML 2Page - Shanghai awinic technology co.,ltd AW8738 Datasheet HTML 3Page - Shanghai awinic technology co.,ltd AW8738 Datasheet HTML 4Page - Shanghai awinic technology co.,ltd AW8738 Datasheet HTML 5Page - Shanghai awinic technology co.,ltd AW8738 Datasheet HTML 6Page - Shanghai awinic technology co.,ltd AW8738 Datasheet HTML 7Page - Shanghai awinic technology co.,ltd AW8738 Datasheet HTML 8Page - Shanghai awinic technology co.,ltd AW8738 Datasheet HTML 9Page - Shanghai awinic technology co.,ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AW8738 Data Sheet
June 2015 V1.1
www.awinic.com.cn
COPYRIGHT ©2015 SHANGHAI AWINIC TECHNOLOGY CO., LTD.
4
FUNCTIONAL DIAGRAM
INN
INP
Class-K
Modulator
Ultra Low
EMI
output
stage
SHDN
NCN
GND
OSC
VOP
VON
K-Chargepump
SHDN&BIAS
C1P
C2P
PVDD
VDD
INPUT
BUFFER
SEGMENTED
OTP
Noise
Cancellor
C1N
C2N
OCP
OVP
Current
Limit
AW8738
Multi-level
AGC
Figure 3
AW8738 functional diagram
APPLICATION DIAGRAM
C1P
AW8738
C1N
COUT
4.7uF
10V
PVDD
INP
INN
3K
Ω
33nF
3K
Ω
33nF
Cin
Cin
Rin
Rin
VOP
VON
GND
VDD
SHDN
Pulse Input
1
2
CF1
2.2uF
CS1
4.7uF
VBAT
3
4
Cd
220pF
A4
A2
A1
C2,C3,C4
B4
D4
B1
B2
C2
1nF
C3
1nF
D3
A3,B3
D2
C1
C2P
C2N
CF2
2.2uF
B1,B2
D1
CS2
0.1uF
Single-Ended
Input
5
6
7
Figure 4
AW8738 single-ended input application diagram
(Note 1)
Note1:when single-ended input,input audio signal can arbitrarily connect to one of INN,INP input terminal,the other
terminal connects to ground through input capacitor and resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com