Electronic Components Datasheet Search
  English  ▼

X  

HT75XX Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # HT75XX
Description  High Driver Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

HT75XX Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  HT75XX Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT75XX Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT75XX Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT75XX Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT75XX Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT75XX Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. HT75XX Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HT75XX
High Driver Regulator
www.artschip.com
1
Features
Low power consumption
Low voltage drop
Low temperature coefficient
High input voltage (up to 24V)
High output current: 100 mA (Pd≤250mW)
TO-92 and SOT-89 package
Applications
Battery-powered equipment
Communication equipment
Audio/Video equipment
General Description
The HT75XX series is a set of three-terminal high current low
voltage regulator implemented in CMOS technology. They can
deliver 100mA output current and allow an input voltage as
high as 24V. They are available with several fixed output
voltages ranging from 3.0V to 8V. CMOS technology ensures
low voltage drop and low quiescent current.
Although designed primarily as fixed voltage regulators, these
devices can be used with external components to obtain
variable voltages and currents.
Selection Table
Part No.
Output Voltage
Tolerance
HT7530
3.0V
±5%
HT7533
3.3V
±5%
HT7536
3.6V
±5%
HT7544
4.4V
±5%
HT7550
5.0V
±5%
HT7580
8.0V
±5%
Block Diagram
Pin Assignment


Similar Part No. - HT75XX

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX HOLTEK-HT75XX Datasheet
100Kb / 10P
High Driver Regulator
May 2, 2000
HT75XX HOLTEK-HT75XX Datasheet
85Kb / 4P
100mA Voltage Regulator
November 29, 2002
logo
DONGGUAN YOU FENG WEI E...
HT75XX YFWDIODE-HT75XX Datasheet
2Mb / 8P
Low Dropout Regulators
logo
Guangdong Youtai Semico...
HT75XX UMW-HT75XX Datasheet
722Kb / 10P
Power supply equipment such as batteries
logo
TECH PUBLIC Electronics...
HT75XX TECHPUBLIC-HT75XX Datasheet
2Mb / 5P
27V 100mA Positive voltage regulators
More results

Similar Description - HT75XX

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT75XX HOLTEK-HT75XX Datasheet
100Kb / 10P
High Driver Regulator
May 2, 2000
logo
Unisonic Technologies
UT7500 UTC-UT7500 Datasheet
213Kb / 7P
HIGH DRIVER REGULATOR
UT7500 UTC-UT7500_10 Datasheet
213Kb / 7P
HIGH DRIVER REGULATOR
UT7500 UTC-UT7500_12 Datasheet
275Kb / 7P
HIGH DRIVER REGULATOR
logo
ZP Semiconductor
HT7533 ZPSEMI-HT7533 Datasheet
351Kb / 9P
High Driver Regulator
HT7544 ZPSEMI-HT7544 Datasheet
351Kb / 9P
High Driver Regulator
HT7550 ZPSEMI-HT7550 Datasheet
351Kb / 9P
High Driver Regulator
HT7580 ZPSEMI-HT7580 Datasheet
351Kb / 9P
High Driver Regulator
logo
Unisonic Technologies
UT7500 UTC-UT7500_17 Datasheet
239Kb / 7P
HIGH DRIVER REGULATOR
logo
Guangdong Kexin Industr...
KA10O1XX KEXIN-KA10O1XX Datasheet
254Kb / 5P
High Driver Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com