Electronic Components Datasheet Search
  English  ▼

X  

OP280 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP280
Description  Infrared Light Emitting Diode in SMT Plastic Package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP280 Datasheet(HTML) 2 Page - OPTEK Technologies

  OP280 Datasheet HTML 1Page - OPTEK Technologies OP280 Datasheet HTML 2Page - OPTEK Technologies OP280 Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMT Infrared LED
OP280
OPTEK Technology Inc.—
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Electrical Characteristics (T
A = 25
°C unless otherwise noted)
Absolute Maximum Ratings
TA = 25
o C unless otherwise noted
Storage Temperature Range
-40° C to +85° C
Operating Temperature Range
-25° C to +85° C
Lead Soldering Temperature
260° C(1)
Reverse Voltage
30 V
Continuous Forward Current
50 mA
Power Dissipation
130 mW(2)
Notes:
1.
Solder time less than 5 seconds at temperature extreme.
2.
De-rate linearly at 2.17 mW/° C above 25° C.
SYMBOL
PARAMETER
MIN
MAX
UNITS
CONDITIONS
Ee(APT)
Apertured Radiant Incidence
0.5
mW/cm2 IF = 20mA
(3)
VF
Forward Voltage
1.5
V
IF = 20mA
IR
Reverse Current
100
µA
VR = 2.0V
λP
Peak Emission Wavelength
nm
IF = 10mA
tr, tf
Rise and Fall Time
500
ns
IF(PEAK) = 100mA, PW = 10µs, 10% D.C.
TYP
890
ΘHP
Emission Angle at Half Power Points
100
Deg.
IF = 20mA
3.
Ee(APT) is a measurement of the apertured radiant incidence upon a sensing area 0.081” (2.06mm) in diameter, perpendicular to and cen-
tered on the mechanical axis of the lens, and 0.590” (14.99mm) from the measurement surface. Ee(APT) is not necessarily uniform within
the measured area.
Issue 1.1
07.05
Page 2 of 3
1.0
1.1
1.2
1.3
1.4
1.5
Relative Radiant Intensity vs.
Forward Current vs. Temperature
0
10
20
30
40
50
Forward Current (mA)
100%
150%
200%
250%
300%
350%
Forward Voltage vs. Forward
Current vs. Temperature
50%
0
10
20
30
40
50
Forward Current (mA)
Normalized at IF = 20mA,
TA = 20°C. Temperatures
stepped in 20°C Increments
100°C
-40°C
Temperatures stepped
in 20 °C Increments
-40°C
100°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com