Electronic Components Datasheet Search
  English  ▼

X  

IRFZ44 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRFZ44
Description  N-CHANNEL POWER MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRFZ44 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRFZ44 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ44 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ44 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ44 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ44 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IRFZ44/45/40/42
N-CHANNEL POWER MOSFETS
www.artschip.com
1
FEATURES
Lower RDS(ON)
Improved inductive ruggedness
Fast switching times
Rugged polysilicon gate cell structure
Lower input capacitance
Extended safe operating area
Improved high temperature reliability
TO-220
IRFZ44/IRFZ45
IRFZ40/IRFZ42
PRODUCT SUMMARY
Part Number
VDS
RDS(on)
ID
IRFZ44
60V
0.028Ω
35A
IRFZ45
60V
0.035Ω
35A
IRFZ40
50V
0.028Ω
35A
IRFZ42
50V
0.035Ω
35A
*Current limited by wire & pin diameter
MAXIMUM RATINGS
Characteristic
Symbol
IRFZ44
IRFZ45
IRFZ40
IRFZ42
Unit
Drain-Source Voltage (1)
VDSS
60
50
Vdc
Drain-Gate Voltage (RGS=1 0MΩ) (1)
VDGR
60
50
Vdc
Gate-Source Voltage
VGS
±20
Vdc
Continuous Drain Current Tc=25℃
ID
35
35
35
35
Adc
Continuous Drain Current Tc=100℃
ID
35
33
35
33
Adc
Drain Current – Pulsed (3)
IDM
210
190
210
190
Adc
Gate Current –Pulsed
IGM
±15
Adc
Single Pulsed Avalanche Energy (4)
EAS
53
mJ
Avalanche Current
IAS
35
A
Total Power Dissipation at Tc=25℃
PD
150
12
Watts
W/℃
Operating and Storage
Junction Temperature Range
TJ,Tstg
-55 to 175℃
℃
Maximum Lead Temp. for Soldering
Purposes, 1/8” from case for 5 seconds
TL
300
℃
Notes: (1) TJ=25℃ to 175℃
(2) Pulse test. Pulse width ≤ 300µs, Duty Cycle ≤2%
(3)Repetitive rating: Pulse with limited by max junction temperature
(4)L=50µH, Vdd=25V, RG=25Ω, Starting TJ=25℃


Similar Part No. - IRFZ44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRFZ44 PHILIPS-IRFZ44 Datasheet
64Kb / 8P
N-channel enhancement mode TrenchMOS transistor
February 1999 Rev 1.000
logo
International Rectifier
IRFZ44 IRF-IRFZ44 Datasheet
100Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
logo
Samsung semiconductor
IRFZ44 SAMSUNG-IRFZ44 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Vishay Siliconix
IRFZ44 VISHAY-IRFZ44 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
IRFZ44 VISHAY-IRFZ44 Datasheet
1Mb / 9P
Power MOSFET
21-Mar-11
More results

Similar Description - IRFZ44

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
N-CHANNEL POWER MOSFETS
IRFP250 SAMSUNG-IRFP250 Datasheet
518Kb / 7P
N-Channel Power Mosfets
SSH5N90 SAMSUNG-SSH5N90 Datasheet
264Kb / 5P
N-CHANNEL POWER MOSFETS
SSS7N60 SAMSUNG-SSS7N60 Datasheet
280Kb / 5P
N-CHANNEL POWER MOSFETS
IRFZ45 SAMSUNG-IRFZ45 Datasheet
197Kb / 5P
N-CHANNEL POWER MOSFETS
logo
New Jersey Semi-Conduct...
IRF440 NJSEMI-IRF440 Datasheet
137Kb / 3P
N-CHANNEL POWER MOSFETS
2N6769 NJSEMI-2N6769 Datasheet
89Kb / 2P
N-Channel Power MOSFETs,
logo
ARTSCHIP ELECTRONICS CO...
IRF340 ARTSCHIP-IRF340 Datasheet
345Kb / 5P
N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com