Electronic Components Datasheet Search
  English  ▼

X  

IRFZ40 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRFZ40
Description  N-CHANNEL POWER MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRFZ40 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRFZ40 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ40 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ40 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ40 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRFZ40 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IRFZ44/45/40/42
N-CHANNEL POWER MOSFETS
www.artschip.com
2
ELECTRICAL CHARACTERISTICS
(Tc=25℃ unless otherwise specified)
Symbol
Characteristic
Min
Typ
Max
Units
Test Conditions
BVDSS
Drain-Source Breakdown Voltage
IRFZ44/45
IRFZ40/42
60
50
-
-
-
-
V
VGS=0V, ID=250µA
VGS(th)
Gate Threshold Voltage
2.0
-
4.0
V
VDS=VGS,ID=250µA
IGSS
Gate-Source Leakage Forward
-
-
100
nA
VGS=20V
IGSS
Gate-Source Leakage Reverse
-
-
-100
nA
VGS=-20V
IDSS
Zero Gate Voltage Drain Current
-
-
-
-
250
1000
µA
µA
VDS=Max. Rating VGS=0V
VDS=0.8 Max. Rating, VGS=0V, Tc=150℃
ID(on)
On-State Drain-Source Current (2)
35
-
-
A
VDS≥12V VGS=10V
RDS(on)
Static Drain-Source
IRFZ44/40
On-State Resistance IRFZ45/42
-
-
-
-
0.028
0.035
Ω
VGS=10V, ID=33A
gfs
Forward Transconductance (2)
15
-
-
Ω
VDS ≥50V, ID=33A
Ciss
Input Capacitance
-
2450
-
pF
Coss
Output Capacitance
-
740
-
pF
Crss
Reverse Transfer Capacitance
-
360
-
pF
VGS=0V
VDS=25V
F=1.0MHz
td(on)
Turn-On Delay Time
-
-
32
ns
tr
Rise Time
-
-
210
ns
td(off)
Turn-Off Delay Time
-
-
75
ns
tf
Fall Time
-
-
130
ns
VDD=0.5BVDSS, ID=52A, ZO=9.1Ω
(MOSFET switching times are essentially
independent of operating temperature)
Qg
Total Gate Charge
(Gate-Source Pulse Gate-Drain)
-
-
100
nC
Qgs
Gate-Source Charge
-
-
21
nC
Qgd
Gate-Drain (“Miller”) Charge
-
-
58
nC
VGS=10V, ID=52A, VDS=0.8Max Rating
(Gate charge is essentially independent
of operating temperature)
THERMAL RESISTANCE
RthJC
Junction-to-Case
Max
1.0
K/W
RthCS
Case-to-Sink
TYP
0.5
K/W
Mounting surface flat smooth, and greased
RthJA
Junction-to-Ambient
MAX
80
K/W
Free Air Operation
Notes: (1) TJ=25℃ to 175℃
(2) Pulse test Pulse Width ≤ 300µs, Duty Cycle ≤ 2%
(3) Repetitive rating Pulse width limited by max junction temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com