Electronic Components Datasheet Search
  English  ▼

X  

IRL640 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # IRL640
Description  HEXFET Power Mosfet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

IRL640 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  IRL640 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRL640 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRL640 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRL640 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. IRL640 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
IRL640
HEXFET Power Mosfet
www.artschip.com
1
Dynamic dv/dt Rating
Repetitive Avalanche Rated
Logic-Level Gate Drive
RDS(on) Specified at VGS=4V&5V
Fast Switching
Ease of Paralleling
Simple Drive Requirements
VDSS=200V
RDS(on)=0.18Ω
ID=17A
Description
Third Generation HEXFETs from International Rectifier provide the designer with the best
combination of fast switching, ruggedized device design, low on-resistance and
cost-effectiveness.
The TO-220 package is universally preferred for all commercial-industrial applications at
power dissipation levels to approximately 50 watts. The low thermal resistance and low
package cost of the TO-220 contribute to its wide acceptance throughout the industry.
Absolute Maximum Ratings
Parameter
Max.
Units
ID @Tc=25℃
Continuous Drain Current, VGS @5.0V
17
ID @Tc=100℃
Continuous Drain Current, VGS @ 5.0V
11
IDM
Pulsed Drain Current ①
68
A
PD@Tc=25℃
Power Dissipation
125
W
Linear Derating Factor
1.0
W/℃
VGS
Gate-to-Source Voltage
±10
V
EAS
Single Pulse Avalanche Energy ②
580
mJ
IAR
Avalanche Current ①
10
A
EAR
Repetitive Avalanche Energy ①
13
mJ
dv/dt
Peak Diode Recovery dv/dt ③
5.0
V/ns
TJ
TSTG
Operating Junction and
Storage Temperature Range
-55 to +150
Soldering Temperature, for 10 seconds
300 (1.6mm from case)
℃
Mounting Torque, 6-32 or M3 screw
10 Ibf
•in (1.1 N•m)
Thermal Resistance
Parameter
Min.
Typ.
Max.
Units
RӨJC
Junction-to-Case
-
-
1.0
RӨCS
Case-to-Sink, Flat, Greased Surface
-
0.50
-
RӨJA
Junction-to-Ambient
-
-
62
℃
/W


Similar Part No. - IRL640

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL640 IRF-IRL640 Datasheet
247Kb / 8P
HEXFET Power MOSFET
logo
Vishay Siliconix
IRL640 VISHAY-IRL640 Datasheet
1Mb / 8P
Power MOSFET
17-Jul-08
IRL640 VISHAY-IRL640 Datasheet
1Mb / 9P
Power MOSFET
02-May-16
logo
Fairchild Semiconductor
IRL640A FAIRCHILD-IRL640A Datasheet
226Kb / 7P
Advanced Power MOSFET
logo
Inchange Semiconductor ...
IRL640A ISC-IRL640A Datasheet
280Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IRL640

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com