Electronic Components Datasheet Search
  English  ▼

X  

KA2411 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # KA2411
Description  Telephone
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

KA2411 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  KA2411 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. KA2411 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. KA2411 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. KA2411 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. KA2411 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. KA2411 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. KA2411 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
KA2410
Telephone
www.artschip.com
1
INTRODUCTION
The KA2410/KA2411 is a bipolar integrated circuit designed for
telephone bell replacement.
FUNCTIONS
Two oscillators
Output amplifier
Power supply control circuit
FEATURES
Designed for telephone bell replacement
Low current drain.
Small size ‘MINIDIP’ package.
Adjustable 2-frequency tone.
Adjustable warbling rate.
Built-In hysteresis prevents false triggering and rotary dial
“CHIRPS”.
Extension tone ringer modules.
Alarms or other alerting devices.
External triggering or ringer disable. (KA2410)
Adjustable for reduced initial supply current. (KA2411)
8-DIP-300
ORDERING INFORMATION
Device
Package
Operating Temperature
KA2410
KA2411
8-DIP-300
-45~ +65℃
PIN CONFIGURATION
Fig. 1
ABSOLUTE MAXIMUM RATINGS (TA=25℃)
Characteristic
Symbol
Value
Unit
Supply Voltage
Power Dissipation
Operating Temperature
Storage Temperature
Vcc
PD
TOPR
TSTG
30
400
-40~65
-65~150
V
mW
℃
℃


Similar Part No. - KA2411

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
KA2411 WINGS-KA2411 Datasheet
370Kb / 5P
TELEPHONE TONE RINGERS
logo
Samsung semiconductor
KA2411 SAMSUNG-KA2411 Datasheet
144Kb / 7P
THE KA2410/KA2411 IS A BIPOLAR INTEGRATED CIRCUIT DESIGNED FOR TELEPHONE BELL REPLACEMENT
logo
List of Unclassifed Man...
KA2411 ETC2-KA2411 Datasheet
108Kb / 3P
TELEPHONE TONE RINGERS
logo
Tiger Electronic Co.,Lt...
KA2411 TGS-KA2411 Datasheet
433Kb / 5P
TELEPHONE TONE RINGERS
More results

Similar Description - KA2411

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
Cordless Telephone
logo
List of Unclassifed Man...
30-9514 ETC2-30-9514 Datasheet
269Kb / 1P
TELEPHONE CORD
logo
Adam Technologies, Inc.
MTJ-44HX1-TR ADAM-TECH-MTJ-44HX1-TR Datasheet
78Kb / 1P
TELEPHONE JACK
MTJ-64HX1 ADAM-TECH-MTJ-64HX1 Datasheet
131Kb / 1P
TELEPHONE JACK
MTJ-66HX1 ADAM-TECH-MTJ-66HX1 Datasheet
104Kb / 1P
TELEPHONE JACK
MTJ-66HX1-TR ADAM-TECH-MTJ-66HX1-TR Datasheet
128Kb / 1P
TELEPHONE JACK
MTJ-622X1 ADAM-TECH-MTJ-622X1 Datasheet
107Kb / 1P
TELEPHONE JACK
MTJ-665X1-SMT ADAM-TECH-MTJ-665X1-SMT Datasheet
83Kb / 1P
Telephone Jack
logo
List of Unclassifed Man...
U-174-U ETC1-U-174-U Datasheet
148Kb / 1P
TELEPHONE PLUG
C
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com