Electronic Components Datasheet Search
  English  ▼

X  

ICL7107SCPLZ Datasheet(PDF) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # ICL7107SCPLZ
Description  LCD/LED Display, A/D Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

ICL7107SCPLZ Datasheet(HTML) 8 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button ICL7107SCPLZ Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPLZ Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPLZ Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPLZ Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPLZ Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPLZ Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPLZ Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPLZ Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. ICL7107SCPLZ Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ICL7106,ICL7107,ICL7016S,ISL7107S
31/2 Digit,
LCD/LED Display, A/D Converters
www.artschip.com
8
FIGURE 4B
FIGURE 4. USING AN EXTERNAL REFERENCE
TEST
The TEST pin serves two functions. On the ICL7106 it is
coupled to the internally generated digital supply through a
500Ω resistor. Thus it can be used as the negative supply for
externally generated segment drivers such as decimal points
or any other presentation the user may want to include on the
LCD display. Figures 5 and 6 show such an application. No
more than a 1mA should be applied.
FIGURE 5. SIMPLE INVERTER FOR FIXED DECIMAL POINT
The second function is a “lamp test”. When TEST is pulled
high (to V+) all segments will be turned on and the display
should read “1888”. The TEST pin will sink about 15mA under
these conditions.
CAUTION: In the lamp test mode, the segments have a
constant DC voltage (no square-wave). This may burn the
LCD display if main tained for extended periods.
FIGURE 6. EXCLUSIVE ‘OR’ GATE FOR DECIMAL POINT DRIVE
Digital Section
Figures 7 and 8 show the digital section for the ICL7106 and
ICL7107, respectively. In the ICL7106, an internal digital
ground is generated from a 6V Zener diode and a large
P-Channel source follower. This supply is made stiff to absorb
the relative large capacitive currents when the back plane (BP)
voltage is switched. The BP frequency is the clock frequency
divided by 800. For three readings/sec., this is a 60Hz square
wave with a nominal amplitude of 5V. the segments are driven
at the same frequency and amplitude and are in phase with
BP when OFF, but out of phase when ON. In all cases
negligible DC voltage exists across the segments.
Figure 8 is the Digital Section of the ICL7107. It is identical to
the ICL7106 except that the regulated supply and back plane
drive have been eliminated and the segment drive has been
increased from 2mA to 8mA, typical for instrument size
common anode LED displays. Since the 1000 output (pin 19)
must sink current from two LED segments, it has twice the
drive capability or 16mA.
In both devices, the polarity indication is “on” for negative
analog inputs. If IN LO and IN HI are reversed, this indication
can be reversed also. If desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com